Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC541SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74AC541SJ
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC541SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74AC541SJ Datasheet HTML 1Page - Fairchild Semiconductor 74AC541SJ Datasheet HTML 2Page - Fairchild Semiconductor 74AC541SJ Datasheet HTML 3Page - Fairchild Semiconductor 74AC541SJ Datasheet HTML 4Page - Fairchild Semiconductor 74AC541SJ Datasheet HTML 5Page - Fairchild Semiconductor 74AC541SJ Datasheet HTML 6Page - Fairchild Semiconductor 74AC541SJ Datasheet HTML 7Page - Fairchild Semiconductor 74AC541SJ Datasheet HTML 8Page - Fairchild Semiconductor 74AC541SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC541, 74ACT541 Rev. 1.5.0
January 2008
74AC541, 74ACT541
Octal Buffer/Line Driver with 3-STATE Outputs
Features
ICC and IOZ reduced by 50%
3-STATE outputs
Inputs and outputs opposite side of package, allowing
easier interface to microprocessors
Output source/sink 24mA
74AC541 is a non-inverting option of the 74AC540
74ACT541 has TTL-compatible inputs
General Description
The 74AC541 and 74ACT541 are octal buffer/line
drivers designed to be employed as memory and
address drivers, clock drivers and bus oriented transmitter/
receivers.
These devices are similar in function to the 74AC244
and 74ACTC244 while providing flow-through architec-
ture (inputs on opposite side from outputs). This pinout
arrangement makes these devices especially useful as
an output port for microprocessors, allowing ease of
layout and greater PC board density.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74AC541SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74AC541SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC541MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74AC541PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74ACT541SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACT541MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Similar Part No. - 74AC541SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC541SJ FAIRCHILD-74AC541SJ Datasheet
102Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74AC541SJ ONSEMI-74AC541SJ Datasheet
349Kb / 13P
   Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74AC541SJX FAIRCHILD-74AC541SJX Datasheet
102Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74AC541SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com