Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR6225L-XX-AE3-3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UR6225L-XX-AE3-3-R
Description  POSITIVE VOLTAGE REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6225L-XX-AE3-3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UR6225L-XX-AE3-3-R Datasheet HTML 1Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 2Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 3Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 4Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 5Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 6Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 7Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 8Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
UR6225
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 19
www.unisonic.com.tw
QW-R502-030,G
MARKING INFORMATION
PACKAGE VOLTAGE CODE
PIN 1 PIN 2
PIN 3
PIN 4
PIN 4
MARKING
SOT-89
VSS
VIN
VOUT
-
-
SOT-25
VSS
VIN
VOUT
NC
NC
1
2
3
45
F2
VOLTAGE
CODE
SOT-23
VOUT
VSS
VIN
-
-
1
2
3
VOLTAGE
CODE
F2
TO-92
12:1.2V
15:1.5V
18:1.8V
20:2.0V
21:2.1V
25:2.5V
26:2.6V
27:2.7V
28:2.8V
2J:2.85V
30:3.0V
33:3.3V
35:3.5V
40:4.0V
45:4.5V
50:5.0V
60:6.0V
VSS
VIN
VOUT
-
-
BLOCK DIAGRAM
Voltage
Reference
+
-
Current
Limit
VIN
VSS
VOUT


Similar Part No. - UR6225L-XX-AE3-3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6225L-XX-AE3-3-R UTC-UR6225L-XX-AE3-3-R Datasheet
463Kb / 16P
   POSITIVE VOLTAGE REGULATOR
UR6225L-XX-AE3-3-R UTC-UR6225L-XX-AE3-3-R Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results

Similar Description - UR6225L-XX-AE3-3-R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com