Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR6225L-XX-AE3-3-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UR6225L-XX-AE3-3-R
Description  POSITIVE VOLTAGE REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR6225L-XX-AE3-3-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UR6225L-XX-AE3-3-R Datasheet HTML 6Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 7Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 8Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 9Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 10Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 11Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 12Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 13Page - Unisonic Technologies UR6225L-XX-AE3-3-R Datasheet HTML 14Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
UR6225
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 19
www.unisonic.com.tw
QW-R502-030,G
TYPICAL CHARACTERISTIC
02
UTC UR6225-3.0V
4
Input Voltage, VIN (V)
10
6
8
0
3
2
1
85℃
-20℃
TOPR=25℃
(1) OUTPUT VOLTAGE VS. OUTPUT CURRENT
040
5.0
UTC UR6225-5.0V
60
20
80
4.7
5.1
4.9
Outpout Current, IOUT(mA)
4.8
180
100 120 140160
040
4.0
UTC UR6225-4.0V
60
20
80
3.7
4.1
3.9
Outpout Current, IOUT (mA)
3.8
180
100 120 140160
CIN=1μF(tantalum),
CL=1μF(tantalum) -20℃
VIN=6V
85℃
TOPR=25
CIN=1μF(tantalum),
CL=1μF(tantalum)
VIN=5V
-20℃
85℃
TOPR=25
040
3.0
UTC UR6225-3.0V
60
20
80
2.7
3.1
2.9
2.8
180
100 120 140160
0
2.0
UTC UR6225-2.0V
40
20
60
1.7
2.1
1.9
1.8
120
80
100
Outpout Current, IOUT(mA)
Outpout Current, IOUT(mA)
CIN=1μF(tantalum),
CL=1μF(tantalum) -20℃
VIN=4V
85℃
TOPR=25
CIN=1μF(tantalum),
CL=1μF(tantalum)
VIN=3V
85℃
TOPR=25℃


Similar Part No. - UR6225L-XX-AE3-3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR6225L-XX-AE3-3-R UTC-UR6225L-XX-AE3-3-R Datasheet
463Kb / 16P
   POSITIVE VOLTAGE REGULATOR
UR6225L-XX-AE3-3-R UTC-UR6225L-XX-AE3-3-R Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results

Similar Description - UR6225L-XX-AE3-3-R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com