Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7707PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7707PBF
Description  HEXFET짰 Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7707PBF Datasheet(HTML) 7 Page - International Rectifier

  IRF7707PBF Datasheet HTML 1Page - International Rectifier IRF7707PBF Datasheet HTML 2Page - International Rectifier IRF7707PBF Datasheet HTML 3Page - International Rectifier IRF7707PBF Datasheet HTML 4Page - International Rectifier IRF7707PBF Datasheet HTML 5Page - International Rectifier IRF7707PBF Datasheet HTML 6Page - International Rectifier IRF7707PBF Datasheet HTML 7Page - International Rectifier IRF7707PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRF7707PbF
www.irf.com
7
TSSOP8 Package Outline
Dimensions are shown in millimeters (inches)
NOTES
1. DIMENS IONING AND TOLERANCING PER AS ME Y14.5M-1994.
4 DAT UM PLANE H IS LOCATED AS S HOWN.
5 DAT UM A AND B TO BE DETERMINED AT DATUM PLANE H.
6 DIMENS IONS D AND E1 ARE MEAS URE D AT DATUM PLANE H.
2. DIMENS IONS ARE S HOWN IN MILLIMETERS AND INCHES .
3. CONTROLLING DIMENS ION: MILLIMETER.
7 DIMENS ION L IS T HE LEAD LENGTH FOR S OLDERING TO A S UBS TRAT E.
8. OUTLINE CONFORMS TO JEDEC OUT LINE M0-153AA.
D
S
S
G
D
D
S
S
G1
S1
S1
D1
S2
S2
D2
G2
DIE
DUAL
SINGLE
DIE
4
3
2
1
LEAD ASSIGNMENT S
8
7
6
5
1
2
3
4
8
7
6
5
0
MARK
INDEX
ddd
C A B
BOTH SIDES
8 SURF
D
E1
E
5
5
B
6
6
A2
A
8X b
A1
3X
e
0
2X
e/2
8X L
L1
7
8X c
ccc
0.20
.0078
ddd
4
0.09
0.80
0.05
---
0.65 BS C
6.40 BS C
---
1.00
---
---
0.20
0.15
1.05
1.20
MILLIMET ERS
MIN
e
E
E1
D
L
A
A1
A2
c
M
O
B
S
Y
MIN
MAX
NOM
NOM
MAX
.0472
---
---
.039
---
.032
.0036
---
.0020
.041
.0078
.0059
.0256
.251 BSC
MO-153AA DIMENSIONS
INCHES
b
0.19
0.30
---
.0075
---
.0118
bbb
0.10
.0039
ccc
0.05
.0019
0.25 BS C
L1
L0.45
0.75
0.60
.0178
.010 BSC
.0236
.0290
aaa
0.10
.0039
---
2.90
3.00
3.10
.115
.118
.122
4.50
4.40
4.30
.170
.173
.177
---
E/2
aaa C
C
bbb
C A B
H


Similar Part No. - IRF7707PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7707 IRF-IRF7707 Datasheet
154Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7707GPBF IRF-IRF7707GPBF Datasheet
242Kb / 8P
   Ultra Low On-Resistance
IRF7707TRPBF IRF-IRF7707TRPBF Datasheet
242Kb / 8P
   Ultra Low On-Resistance
More results

Similar Description - IRF7707PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com