Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1380B-133AI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1380B-133AI
Description  512K x 36/1M x 18 Pipelined SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1380B-133AI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1380B-133AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1380B-133AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1380B-133AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1380B-133AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1380B-133AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1380B-133AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1380B-133AI Datasheet HTML 10Page - Cypress Semiconductor CY7C1380B-133AI Datasheet HTML 11Page - Cypress Semiconductor CY7C1380B-133AI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
CY7C1380B
CY7C1382B
Document #: 38-05267 Rev. *A
Page 8 of 34
Introduction
Functional Overview
All synchronous inputs pass through input registers controlled
by the rising edge of the clock. All data outputs pass through
output registers controlled by the rising edge of the clock. Max-
imum access delay from the clock rise (tCO) is 4.2 ns (133-MHz
device).
The CY7C1380B/CY7C1382B supports secondary cache in
systems utilizing either a linear or interleaved burst sequence.
The interleaved burst order supports Pentium® and i486 pro-
cessors. The linear burst sequence is suited for processors
that utilize a linear burst sequence. The burst order is user
selectable, and is determined by sampling the MODE input.
Accesses can be initiated with either the Processor Address
Strobe (ADSP) or the Controller Address Strobe (ADSC). Ad-
dress advancement through the burst sequence is controlled
by the ADV input. A two-bit on-chip wraparound burst counter
captures the first address in a burst sequence and automati-
cally increments the address for the rest of the burst access.
Byte write operations are qualified with the Byte Write Enable
(BWE) and Byte Write Select (BWa,b,c,d for CY7C1380 and
BWa,b for CY7C1382) inputs. A Global Write Enable (GW)
overrides all byte write inputs and writes data to all four bytes.
All writes are simplified with on-chip synchronous self-timed
write circuitry.
Synchronous Chip Selects (CE1, CE2, CE3 for TQFP / CE1 for
BGA) and an asynchronous Output Enable (OE) provide for
easy bank selection and output three-state control. ADSP is
ignored if CE1 is HIGH.
Single Read Accesses
This access is initiated when the following conditions are sat-
isfied at clock rise: (1) ADSP or ADSC is asserted LOW, (2)
chip selects are all asserted active, and (3) the write signals
(GW, BWE) are all deasserted HIGH. ADSP is ignored if CE1
is HIGH. The address presented to the address inputs is
stored into the address advancement logic and the Address
Register while being presented to the memory core. The cor-
responding data is allowed to propagate to the input of the
Output Registers. At the rising edge of the next clock the data
is allowed to propagate through the output register and onto
the data bus within 3.0 ns (200-MHz device) if OE is active
LOW. The only exception occurs when the SRAM is emerging
from a deselected state to a selected state, its outputs are
always three-stated during the first cycle of the access. After
the first cycle of the access, the outputs are controlled by the
OE signal. Consecutive single read cycles are supported.
Once the SRAM is deselected at clock rise by the chip select
and either ADSP or ADSC signals, its output will three-state
immediately.
Single Write Accesses Initiated by ADSP
This access is initiated when both of the following conditions
are satisfied at clock rise: (1) ADSP is asserted LOW, and (2)
chip select is asserted active. The address presented is load-
ed into the address register and the address advancement
logic while being delivered to the RAM core. The write signals
(GW, BWE, and BWx) and ADV inputs are ignored during this
first cycle.
ADSP triggered write accesses require two clock cycles to
complete. If GW is asserted LOW on the second clock rise, the
data presented to the DQx inputs is written into the corre-
sponding address location in the RAM core. If GW is HIGH,
then the write operation is controlled by BWE and BWx sig-
nals. The CY7C1380B/CY7C1382B provides byte write capa-
bility that is described in the Write Cycle Description table.
Asserting the Byte Write Enable input (BWE) with the selected
Byte
Write
(BWa,b,c,d for CY7C1380B & BWa,b for
CY7C1382B) input will selectively write to only the desired
bytes. Bytes not selected during a byte write operation will
remain unaltered. A synchronous self-timed write mechanism
has been provided to simplify the write operations.
Because the CY7C1380B/CY7C1382B is a common I/O de-
vice, the Output Enable (OE) must be deasserted HIGH before
presenting data to the DQ inputs. Doing so will three-state the
output drivers. As a safety precaution, DQ are automatically
three-stated whenever a write cycle is detected, regardless of
the state of OE.
Single Write Accesses Initiated by ADSC
ADSC write accesses are initiated when the following condi-
tions are satisfied: (1) ADSC is asserted LOW, (2) ADSP is
deasserted HIGH, (3) chip select is asserted active, and (4)
the appropriate combination of the write inputs (GW, BWE,
and BWx) are asserted active to conduct a write to the desired
byte(s). ADSC triggered write accesses require a single clock
cycle to complete. The address presented to A[17:0] is loaded
into the address register and the address advancement logic
while being delivered to the RAM core. The ADV input is ig-
nored during this cycle. If a global write is conducted, the data
presented to the DQ[x:0] is written into the corresponding ad-
dress location in the RAM core. If a byte write is conducted,
only the selected bytes are written. Bytes not selected during
a byte write operation will remain unaltered. A synchronous
self-timed write mechanism has been provided to simplify the
write operations.
Because the CY7C1380B/CY7C1382B is a common I/O de-
vice, the Output Enable (OE) must be deasserted HIGH before
presenting data to the DQ[x:0] inputs. Doing so will three-state
the output drivers. As a safety precaution, DQ[x:0] are automat-
ically three-stated whenever a write cycle is detected, regard-
less of the state of OE.
Burst Sequences
The CY7C1380B/CY7C1382B provides a two-bit wraparound
counter, fed by A[1:0], that implements either an interleaved or
linear burst sequence. The interleaved burst sequence is de-
signed specifically to support Intel® Pentium applications. The
linear burst sequence is designed to support processors that
follow a linear burst sequence. The burst sequence is user
selectable through the MODE input.
Asserting ADV LOW at clock rise will automatically increment
the burst counter to the next address in the burst sequence.
Both read and write burst operations are supported.


Similar Part No. - CY7C1380B-133AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380BV25 CYPRESS-CY7C1380BV25 Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1380BV25-133AC CYPRESS-CY7C1380BV25-133AC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1380BV25-133BGC CYPRESS-CY7C1380BV25-133BGC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1380BV25-150AC CYPRESS-CY7C1380BV25-150AC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1380BV25-150BGC CYPRESS-CY7C1380BV25-150BGC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
More results

Similar Description - CY7C1380B-133AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
logo
AMIC Technology
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com