Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1382B-167AI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1382B-167AI
Description  512K x 36/1M x 18 Pipelined SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1382B-167AI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1382B-167AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1382B-167AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1382B-167AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1382B-167AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1382B-167AI Datasheet HTML 10Page - Cypress Semiconductor CY7C1382B-167AI Datasheet HTML 11Page - Cypress Semiconductor CY7C1382B-167AI Datasheet HTML 12Page - Cypress Semiconductor CY7C1382B-167AI Datasheet HTML 13Page - Cypress Semiconductor CY7C1382B-167AI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CY7C1380B
CY7C1382B
Document #: 38-05267 Rev. *A
Page 10 of 34
Cycle Descriptions[1, 2, 3, 4]
Next Cycle
Add. Used
ZZ
CE3
CE2
CE1
ADSP
ADSC
ADV
OE
DQ
Write
Unselected
None
0
X
X
1
X
0
X
X
Hi-Z
X
Unselected
None
0
1
X
0
0
X
X
X
Hi-Z
X
Unselected
None
0
X
0
0
0
X
X
X
Hi-Z
X
Unselected
None
0
1
X
0
1
0
X
X
Hi-Z
X
Unselected
None
0
X
0
0
1
0
X
X
Hi-Z
X
Begin Read
External
0
0
1
0
0
X
X
X
Hi-Z
X
Begin Read
External
0
0
1
0
1
0
X
X
Hi-Z
Read
Continue Read
Next
0
X
X
X
1
1
0
1
Hi-Z
Read
Continue Read
Next
0
X
X
X
1
1
0
0
DQ
Read
Continue Read
Next
0
X
X
1
X
1
0
1
Hi-Z
Read
Continue Read
Next
0
X
X
1
X
1
0
0
DQ
Read
Suspend Read
Current
0
X
X
X
1
1
1
1
Hi-Z
Read
Suspend Read
Current
0
X
X
X
1
1
1
0
DQ
Read
Suspend Read
Current
0
X
X
1
X
1
1
1
Hi-Z
Read
Suspend Read
Current
0
X
X
1
X
1
1
0
DQ
Read
Begin Write
Current
0
X
X
X
1
1
1
X
Hi-Z
Write
Begin Write
Current
0
X
X
1
X
1
1
X
Hi-Z
Write
Begin Write
External
0
0
1
0
1
0
X
X
Hi-Z
Write
Continue Write
Next
0
X
X
X
1
1
0
X
Hi-Z
Write
Continue Write
Next
0
X
X
1
X
1
0
X
Hi-Z
Write
Suspend Write
Current
0
X
X
X
1
1
1
X
Hi-Z
Write
Suspend Write
Current
0
X
X
1
X
1
1
X
Hi-Z
Write
ZZ “sleep”
None
1
X
X
X
X
X
X
X
Hi-Z
X
Notes:
1.
X =”Don't Care.” 1 = HIGH, 0 = LOW.
2.
Write is defined by BWE, BWx, and GW. See Write Cycle Descriptions table.
3.
The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
4.
CE1, CE2, and CE3 are available only in the TQFP package. BGA package has a single chip select CE1.


Similar Part No. - CY7C1382B-167AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1382BV25 CYPRESS-CY7C1382BV25 Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-133AC CYPRESS-CY7C1382BV25-133AC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-133BGC CYPRESS-CY7C1382BV25-133BGC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-150AC CYPRESS-CY7C1382BV25-150AC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-150BGC CYPRESS-CY7C1382BV25-150BGC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
More results

Similar Description - CY7C1382B-167AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
logo
AMIC Technology
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com