Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1382B-167BZI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1382B-167BZI
Description  512K x 36/1M x 18 Pipelined SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1382B-167BZI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1382B-167BZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1382B-167BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1382B-167BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1382B-167BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1382B-167BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1382B-167BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1382B-167BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1382B-167BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1382B-167BZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
CY7C1380B
CY7C1382B
Document #: 38-05267 Rev. *A
Page 2 of 34
Logic Block Diagram CY7C1380B - 512K x 36
Logic Block Diagram CY7C1382B - 1M x 18
CLK
ADV
ADSC
A[18:0]
GW
BWE
BW d
BW
c
BWb
BWa
CE1
CE3
CE2
OE
ZZ
BURST
COUNTER
ADDRESS
REGISTER
OUTPUT
REGISTERS
INPUT
REGISTERS
512KX36
MEMORY
ARRAY
CLK
CLK
Q0
Q1
Q
D
CE
CE
CLR
SLEEP
CONTROL
36
36
19
17
17
19
(A[1;0])
2
MODE
ADSP
DQa,b,c,d
DPa,b
DQd, DPd
BYTEWRITE
REGISTERS
DQ
DQc, DPc
BYTEWRITE
REGISTERS
DQ
DQ
DQb, DPb
BYTEWRITE
REGISTERS
DQa, DPa
BYTEWRITE
REGISTERS
DQ
ENABLE CE
REGISTER
DQ
ENABLE DELAY
REGISTER
DQ
CLK
ADV
ADSC
A[19:0]
GW
BWE
BW b
BW
a
CE1
CE3
CE2
OE
ZZ
BURST
COUNTER
ADDRESS
REGISTER
OUTPUT
REGISTERS
INPUT
REGISTERS
MEMORY
ARRAY
CLK
CLK
Q0
Q1
Q
D
CE
CE
CLR
SLEEP
CONTROL
18
18
19
17
17
19
(A[1;0])
2
MODE
ADSP
DQa,b
DPa,b
DQb, DPb
BYTEWRITE
REGISTERS
DQ
DQa, DPa
BYTEWRITE
REGISTERS
DQ
ENABLE CE
REGISTER
DQ
ENABLE DELAY
REGISTER
DQ
CE
1M X 18


Similar Part No. - CY7C1382B-167BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1382BV25 CYPRESS-CY7C1382BV25 Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-133AC CYPRESS-CY7C1382BV25-133AC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-133BGC CYPRESS-CY7C1382BV25-133BGC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-150AC CYPRESS-CY7C1382BV25-150AC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
CY7C1382BV25-150BGC CYPRESS-CY7C1382BV25-150BGC Datasheet
860Kb / 30P
   512K x 36 / 1 Mb x 18 Pipelined SRAM
More results

Similar Description - CY7C1382B-167BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380D CYPRESS-CY7C1380D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25_04 Datasheet
510Kb / 33P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1380DV25 CYPRESS-CY7C1380DV25 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
logo
AMIC Technology
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com