Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD-E306RD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BD-E306RD
Description  0.30(7.620mm) DUAL DIGIT LED DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-E306RD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BD-E306RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-E306RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-E306RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
    
  
 

             
! "#$
%&'
()*+,-."/&,
"-&01
+.2-3**'-&2"+
"-" -
4 
&--.5
*+*3
."6
7"8.
.01-%
 0

0
5
7
4

."6
4  9' "/
89'
25
,34"2.
*+*3
.1.0-
*+*3
,'.3.5


:

$

$

+"26
7%&-.
; "#$
.8.3). *+-"1. <<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<<< $
.8.3). ,33.0- #$ <<<<<<<<<<<<<<<<<<<<<<<<<<<<<<< =
'.3"-&01 .'.3"-,3. "01. <<<<<<<<<<<<<<<<<<<<<<<<<< > :
-*3"1. .'.3"-,3. "01. <<<<<<<<<<<<<<<<<<<<<<<<<<< > :$
."5 *+5.3&01 .'.3"-,3.    ?3* *59<<<<<<<<<<<<<<<<<<?*3 $.2*05)


Similar Part No. - BD-E306RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BD-E302RD BRIGHT-BD-E302RD Datasheet
212Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E302RD-B BRIGHT-BD-E302RD-B Datasheet
213Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E304RD BRIGHT-BD-E304RD Datasheet
212Kb / 3P
   hi-eff red chips, which are made from GaAsP on GaP substrate
BD-E305RD BRIGHT-BD-E305RD Datasheet
216Kb / 3P
   bright red chips, which are made from GaP on GaP substrate
BD-E30DRD BRIGHT-BD-E30DRD Datasheet
273Kb / 3P
   super red chips, which are made from AlGaAs on GaAs substrate
More results

Similar Description - BD-E306RD

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDD305-61-XX LIGITEK-LDD305-61-XX Datasheet
93Kb / 8P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-65-XX-S2-PF LIGITEK-LDD305-65-XX-S2-PF Datasheet
133Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-66F-XX-PF LIGITEK-LDD305-66F-XX-PF Datasheet
142Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD325-65-XX-PF LIGITEK-LDD325-65-XX-PF Datasheet
173Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 Inch)
logo
Lucky Light Electronic
KW2-301 LUCKY-LIGHT-KW2-301 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.30)
logo
LIGITEK electronics co....
LDD305-61-XX-PF LIGITEK-LDD305-61-XX-PF Datasheet
139Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-61-XX-RP128-PF LIGITEK-LDD305-61-XX-RP128-PF Datasheet
136Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-62-XX-PF LIGITEK-LDD305-62-XX-PF Datasheet
135Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-61-XX-RP35-PF LIGITEK-LDD305-61-XX-RP35-PF Datasheet
161Kb / 9P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
LDD305-64-XX-PF LIGITEK-LDD305-64-XX-PF Datasheet
142Kb / 10P
   DUAL DIGIT LED DISPLAY (0.30 lnch)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com