Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD-E522RD Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BD-E522RD
Description  green CHIPS, WHICH ARE MADE FROM GAAIAS ON GAP substrate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BD-E522RD Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BD-E522RD Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BD-E522RD Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BD-E522RD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image






















    
SINCE 1981


03 1 44# 


 
  
   ! "
#  
 $#  !%& " ! 
  

 5/ 4# 
 '()*
 + ! !! 
 , "# "-!
' ./##
 $ %0
1 + 2 ! !0
3 )!#/4   

40/#
 5)6.7)(' 
!'6
#!#0
 # !!#8" 
  9 9!%
 # !4%:  
"



   /" /05/1#















Similar Part No. - BD-E522RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD-E522RD ETC1-BD-E522RD Datasheet
202Kb / 2P
   DUAL DIGIT LED DISPLAYS
More results

Similar Description - BD-E522RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BA-2G10UW BRIGHT-BA-2G10UW Datasheet
145Kb / 3P
   green chips, which are made from GaP on GaP substrate
BA-4G7UW-B BRIGHT-BA-4G7UW-B Datasheet
213Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-A302ND-A BRIGHT-BD-A302ND-A Datasheet
208Kb / 3P
   green chips, which are made from GaP on GaP substrate.
BD-F542RD BRIGHT-BD-F542RD Datasheet
163Kb / 3P
   green chips, which are made from GaP on GaP substrate.
BD-A502RD BRIGHT-BD-A502RD Datasheet
255Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-C402ND BRIGHT-BD-C402ND Datasheet
171Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-E402RD BRIGHT-BD-E402RD Datasheet
245Kb / 3P
   green chips, which are made from GaP on GaP substrate
BA-2G2UW BRIGHT-BA-2G2UW Datasheet
183Kb / 3P
   green chips, which are made from GaP on GaP substrate.
BD-A512RD BRIGHT-BD-A512RD Datasheet
186Kb / 3P
   green chips, which are made from GaP on GaP substrate
BD-C542RD BRIGHT-BD-C542RD Datasheet
248Kb / 3P
   green chips, which are made from GaP on GaP substrate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com