Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM80912-015 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AM80912-015
Description  AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM80912-015 Datasheet(HTML) 1 Page - STMicroelectronics

  AM80912-015 Datasheet HTML 1Page - STMicroelectronics AM80912-015 Datasheet HTML 2Page - STMicroelectronics AM80912-015 Datasheet HTML 3Page - STMicroelectronics AM80912-015 Datasheet HTML 4Page - STMicroelectronics AM80912-015 Datasheet HTML 5Page - STMicroelectronics AM80912-015 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
March 1994
AVIONICS APPLICATIONS
RF & MICROWAVE TRANSISTORS
.310 x .310 2LFL (S064)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
EMITTER SITE BALLASTED
.
:1 VSWR CAPABILITY
.
LOW THERMAL RESISTANCE
.
INPUT MATCHING
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 15 W MIN. WITH 8.1 dB GAIN
.
BANDWIDTH 255 MHz
DESCRIPTION
The AM80912-015 is designed for specialized
avionics applications, including JTIDS, where
power is provided under pulse formats utilizing
short pulse widths and high burst or overall duty
cycles.
The AM80912-015 is housed in the unique
IMPAC
™ Hermetic Metal/Ceramic package with
PIN CONNECTION
BRANDING
80912-15
ORDER CODE
AM80912-015
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
PDISS
Power Dissipation*(TC
≤ 100°C)
50
W
IC
Device Current*
1.8
A
VCC
Collector-Supply Voltage*
32
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
3.0
°C/W
*Applies only to rated RF amplifier operation
AM80912-015
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
1/6


Similar Part No. - AM80912-015

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AM80912-015 ASI-AM80912-015 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - AM80912-015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
   AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
logo
Microsemi Corporation
MS2209 MICROSEMI-MS2209_08 Datasheet
128Kb / 4P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1540 NJSEMI-SD1540 Datasheet
111Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
   RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com