Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB151 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # KB151
Description  CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KB151 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  KB151 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KB151 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INS TANTANE OUS F OR WAR D V OLTAG E (V )
F ig. 2 Typical F orward C haracteristics
F
T = 25°C
P ulse width = 300µ
s
j
0
10
20
30
40
50
1
10
100
NUMB E R OF C Y
C LE S
AT 60 Hz
F ig. 3 Max Non-R epetitive S urge C urrent
P ulse Width 8.3 ms
S ingle Half-S ine-W ave
(J E DE C Method)
1
10
100
1
10
100
V , R E V E R S E V OLTAG E (V )
F ig. 4 Typical J unction C apacitance
R
T = 25°C
f = 1mz
j
0.01
0.1
1.0
10
100
200
0
40
80
160
P E R C E NT OF R AT E D P E AK R E V E R S E V OLTAG E (%)
F ig. 5 Typical R everse C haracteristics
120
T = 100°C
j
T = 25°C
j
0
0.5
1.0
1.5
0
25
50
100
125
150
75
T , AMB IE NT T E MP E R AT UR E (°C )
F ig. 1 F orward C urrent Derating C urve
A
S ingle phase half-sine-wave
60Hz resistive or inductive load
RATING AND CHARACTERISTIC CURVES KB151 THRU KB157


Similar Part No. - KB151

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KB156 KEXIN-KB156 Datasheet
35Kb / 1P
   Low-Voltage Variable Capacitance Diode
logo
Nihon Kaiheiki Industry...
KB15CKG01 NKK-KB15CKG01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB15CKG01B NKK-KB15CKG01B Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB15CKG01B05A NKK-KB15CKG01B05A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB15CKG01B05BB NKK-KB15CKG01B05BB Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
More results

Similar Description - KB151

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151G DAESAN-RL151G Datasheet
316Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151 DAESAN-RL151 Datasheet
309Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER15X DAESAN-HER15X Datasheet
285Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR151G DAESAN-FR151G Datasheet
315Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
W005M DAESAN-W005M Datasheet
206Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
1N53 DAESAN-1N53 Datasheet
316Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
PACELEADER INDUSTRIAL
FR151 PACELEADER-FR151 Datasheet
609Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
logo
WILLAS ELECTRONIC CORP
RB15 WILLAS-RB15 Datasheet
275Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com