Electronic Components Datasheet Search |
|
THS4061IDR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
THS4061IDR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 30 page THS4061, THS4062 180MHz HIGHSPEED AMPLIFIERS SLOS234E − DECEMBER 1998 − REVISED DECEMBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at TA = 25°C, VCC = ±15 V, RL = 150 Ω (unless otherwise noted) dynamic performance PARAMETER TEST CONDITIONS† THS4061C/I, THS4062C/I UNIT PARAMETER TEST CONDITIONS† MIN TYP MAX UNIT Dynamic performance small-signal VCC = ±5 V Gain = 1 180 MHz Dynamic performance small-signal bandwidth (−3 dB) VCC = ±15 V Gain = −1 50 MHz BW bandwidth (−3 dB) VCC = ±5 V Gain = −1 50 MHz BW Bandwidth for 0.1 dB flatness VCC = ±15 V Gain = 1 75 MHz Bandwidth for 0.1 dB flatness VCC = ±5 V Gain = 1 20 MHz SR Slew rate VCC = ±15 V Gain = −1 400 V/ s SR Slew rate VCC = ±5 V Gain = −1 350 V/ µs Settling time to 0.1% VCC = ±15 V, 5-V step (0 V to 5 V) Gain = −1 40 ns ts Settling time to 0.1% VCC = ±5 V, VO = −2.5 V to 2.5 V, Gain = −1 40 ns ts Settling time to 0.01% VCC = ±15 V, 5-V step (0 V to 5 V) Gain = −1 140 ns Settling time to 0.01% VCC = ±5 V, VO = −2.5 V to 2.5 V, Gain = −1 150 ns † Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix noise/distortion performance PARAMETER TEST CONDITIONS† THS4061C/I, THS4062C/I UNIT PARAMETER TEST CONDITIONS† MIN TYP MAX UNIT THD Total harmonic distortion f = 1 MHz −72 dBc Vn Input voltage noise f = 10 kHz, VCC = ±5 V or ±15 V 14.5 nV/ √Hz In Input current noise f = 10 kHz, VCC = ±5 V or ±15 V 1.6 pA/ √Hz Differential gain error Gain = 2, NTSC, 40 IRE modulation VCC = ±15 V 0.02 % Differential gain error Gain = 2, NTSC, 40 IRE modulation VCC = ±5 V 0.02 % Differential phase error Gain = 2, NTSC, 40 IRE modulation VCC = ±15 V 0.02 ° Differential phase error Gain = 2, NTSC, 40 IRE modulation VCC = ±5 V 0.06 ° Channel-to-channel crosstalk (THS4062 only) VCC = ±5 V or ±15 V, f = 1 MHz 65 dB † Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix dc performance PARAMETER TEST CONDITIONS† THS4061C/I, THS4062C/I UNIT PARAMETER TEST CONDITIONS† MIN TYP MAX UNIT VCC = ±15 V, VO = ±10 V, RL = 1 kΩ TA = 25°C 5 15 V/mV Open loop gain VCC = ±15 V, VO = ±10 V, RL = 1 kΩ TA = full range 4 V/mV Open loop gain VCC = ±5 V, VO = ±2.5 V, RL = 1 kΩ TA = 25°C 2.5 8 V/mV VCC = ±5 V, VO = ±2.5 V, RL = 1 kΩ TA = full range 2 V/mV VOS Input offset voltage VCC = ±5 V or ±15 V TA = full range 2.5 8 mV VOS Offset drift VCC = ±5 V or ±15 V TA = full range 15 µV/°C IIB Input bias current VCC = ±5 V or ±15 V TA = full range 3 6 µA IOS Input offset current VCC = ±5 V or ±15 V TA = full range 75 250 nA Offset current drift TA = full range 0.3 nA/ °C † Full range = 0°C to 70°C for C suffix and −40°C to 85°C for I suffix |
Similar Part No. - THS4061IDR |
|
Similar Description - THS4061IDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |