Electronic Components Datasheet Search |
|
TMS28F002SB90CDBJE Datasheet(PDF) 5 Page - Texas Instruments |
|
TMS28F002SB90CDBJE Datasheet(HTML) 5 Page - Texas Instruments |
5 / 79 page TMS28F002Axy, TMS28F200Axy 262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES SMJS826D – JANUARY 1996 – REVISED SEPTEMBER 1997 5 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 device symbol nomenclature Temperature Range Designator L= 0 °Cto 70°C E = – 40 °Cto 85°C Q= – 40 °C to 125°C Package Designator DBJ = 44-Pin PSOP DCD= 40-Pin TSOP (F002 only) DCD= 48-Pin TSOP (F200 only) Program/Erase Endurance C = 100 000 Cycles B = 10 000 Cycles Speed Designator 60 = 60 ns 70 = 70 ns 80 = 80 ns 90 = 90 ns 60 C DBJ L TMS28F200AS Boot-Block Location Indicator T = Top Location B = Bottom Location S = (3.3 V ± 0.3V or 5V ± 10%) VCC and (5V ± 10% or 12V ± 5%) VPP E =(2.7 V to 3.6 V or 5 V ± 10%) VCC and (5 V ± 10% or 12 V ± 5%) VPP M = (3.3 V ± 0.3V or 5V ± 10%) VCC and 12V ± 5% VPP F= 5 V ± 10% VCC and (5V ± 10% or 12V ± 5%) VPP Z= 5 V ± 10% VCC and 12 V ± 5% VPP T Organization 200 = 128K x 16-bits or 256K x 8 bits 002 = 256K x 8 bits Table 1. VCC-/VPP-Voltage Configurations† DEVICE CONFIGURATION READ VOLTAGE (VCC) PROGRAM/ERASE VOLTAGE (VPP) OPERATING FREE-AIR TEMPERATURE (TA) ACCESS SPEEDS 5 V (3.3 V) VCC TMS28F200ASy 3.3 V ± 0.3 V or 5 V ± 10% or 0 °C to 70°C 60(110), 70(130), 80(150) ns TMS28F200ASy 5 V ± 10 % 12 V ± 5 % – 40 °C to 85°C 60(110), 70(130), 80(150) ns TMS28F200AEy 2.7 V to 3.6 V or 5 V ± 10% or 0 °C to 70°C 60(110), 70(130), 80(150) ns TMS28F200AEy 5 V ± 10 % 12 V ± 5 % – 40 °C to 85°C 60(110), 70(130), 80(150) ns TMS28F200AMy 3.3 V ± 0.3 V or 12 V ± 5% 0 °C to 70°C 60(110), 70(130), 80(150) ns TMS28F200AMy 5 V ± 10 % 12 V ± 5 % – 40 °C to 85°C 60(110), 70(130), 80(150) ns 5V ± 10% 0 °C to 70°C 60, 70, 80 ns TMS28F200AFy 5 V ± 10 % 5 V ± 10% or 12 V ± 5% – 40 °C to 85°C 60, 70, 80 ns 12 V ± 5 % – 40 °C to 125°C‡ 70, 80, 90 ns 0 °C to 70°C 60, 70, 80 ns TMS28F200AZy 5 V ± 10 % 12 V ± 5 % – 40 °C to 85°C 60, 70, 80 ns – 40 °C to 125°C‡ 70, 80, 90 ns † All configurations are available in the TMS28F002Axy (8-bit only) and top or bottom boot. ‡ Only the 44-pin PSOP is offered in the – 40 °C to 125°C temperature range. |
Similar Part No. - TMS28F002SB90CDBJE |
|
Similar Description - TMS28F002SB90CDBJE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |