Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4002 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # 1N4002
Description  CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

1N4002 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  1N4002 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 1N4002 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4001 THRU 1N4007
Features
Mechanical Data
· The plastic package carries Underwrites Laboratory
Flammability Classification 94V-0
· Construction utilizes void-free molded plastic technique
· Low reverse leakage
· High forward surge current capability
· High temperature soldering guaranteed : 250
℃/10 seconds,
0.375"(9.5mm) lead length, 5lbs.(2.3kg).
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-41 molded plastic body
· Terminals : Lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.012 ounce, 0.33 gram
(Ratings at 25
℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V DC.
(2) Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length, P.C.B. mounted
CURRENT 1.0 Ampere
VOLTAGE 50 to 1000 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms half sine
wave superimposed on rated load
(JEDEC method) at TA=75
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length TA=75
Maximum instantaneous forward voltage
at 1.0A
VRRM
50
Volts
Symbols
1N
4001
Units
1.1
VF
VRMS
1.0
Amps
30.0
IFSM
TJ
TSTG
50.0
-50 to +175
Volts
Amp
Maximum reverse current
at rated DC blocking voltage
Typical thermal resistance (Note 2)
Typical junction capacitance (Note 1)
Operating and storage temperature range
1N
4002
1N
4003
1N
4004
1N
4005
1N
4006
1N
4007
35
50
5.0
50.0
25.0
15.0
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
Volts
μA
℃/W
pF
I(AV)
IR
CJ
R
θJA
R
θJL
TA=25
TA=100
Maximum DC blocking voltage temperature
+150
TA
Dimensions in inches and (millimeters)
DO-41
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.205(5.2)
0.166(4.2)
0.034(0.9)
0.028(0.7)
DIA.
0.107(2.7)
0.080(2.0)
DIA.


Similar Part No. - 1N4002

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
1N4002 FS-1N4002 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4002 DIODES-1N4002 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
ON Semiconductor
1N4002 ONSEMI-1N4002 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
More results

Similar Description - 1N4002

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
List of Unclassifed Man...
1N4001 ETC-1N4001 Datasheet
35Kb / 1P
   VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
UF400X ETC1-UF400X Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
DAESAN ELECTRONIC CORP.
1H1 DAESAN-1H1 Datasheet
281Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
FR101 DAESAN-FR101 Datasheet
280Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
HER101G DAESAN-HER101G Datasheet
284Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
SM4001 DAESAN-SM4001 Datasheet
216Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com