Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4764B Datasheet(PDF) 3 Page - DAESAN ELECTRONIC CORP.

Part # 1N4764B
Description  1W SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

1N4764B Datasheet(HTML) 3 Page - DAESAN ELECTRONIC CORP.

  1N4764B Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 1N4764B Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. 1N4764B Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tamb
1N4728A/B...1N4764A/B
W
0
1.0
0.8
0.6
0.4
0.2
Ptot
0
100
200
Admissible power dissipation versus ambient temperature
(Valid provided that leads at a distance of 10mm from case
are kept at ambient temperature)
RATINGS AND CHARACTERISTIC CURVES 1N4728A/B THRU 1N4764A/B


Similar Part No. - 1N4764B

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4764 SURGE-1N4764 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Nantong Hornby Electron...
1N4764 HORNBY-1N4764 Datasheet
222Kb / 4P
   SILICON ZENER DIODES
logo
Daya Electric Group Co....
1N4764 DAYA-1N4764 Datasheet
155Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
Digitron Semiconductors
1N4764 DIGITRON-1N4764 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Semtech Corporation
1N4764 SEMTECH-1N4764 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

Similar Description - 1N4764B

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZV85-C2V7 JINGHENG-BZV85-C2V7 Datasheet
74Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Guangdong Juxing Electr...
SMA4728A JUXING-SMA4728A Datasheet
2Mb / 3P
   1W Silicon Planar Zener Diodes
1SMAF4728A JUXING-1SMAF4728A Datasheet
572Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jing Heng Electro...
SMA4728 JINGHENG-SMA4728 Datasheet
74Kb / 2P
   1W SILICON PLANAR ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1N4749 TGS-1N4749 Datasheet
308Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
1N4727 JINGHENG-1N4727 Datasheet
125Kb / 4P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
1N4727 ZSELEC-1N4727 Datasheet
202Kb / 4P
   1W Silicon Planar Power Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com