Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC174MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC174MS8
Description  GaAs MMIC T/R SWITCH DC - 3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC174MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC174MS8_05 Datasheet HTML 1Page - Hittite Microwave Corporation HMC174MS8_05 Datasheet HTML 2Page - Hittite Microwave Corporation HMC174MS8_05 Datasheet HTML 3Page - Hittite Microwave Corporation HMC174MS8_05 Datasheet HTML 4Page - Hittite Microwave Corporation HMC174MS8_05 Datasheet HTML 5Page - Hittite Microwave Corporation HMC174MS8_05 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
14
14 - 10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Distortion vs. Bias Voltage
Compression vs. Bias Voltages
Caution: Do not operate in 1dB compression at power
levels above +35dBm and do not ‘hot switch’ power
levels greater than +23dBm (V
dd
= +5Vdc).
Truth Table
*Control Input Voltage Tolerances are ± 0.2 Vdc
Carrier at 900 MHz
Carrier at 1900 MHz
Bias
Vdd
Input Power
for 0.1 dB
Compression
Input Power
for 1.0 dB
Compression
Input Power
for 0.1 dB
Compression
Input Power
for 1.0 dB
Compression
(Volts)
(dBm)
(dBm)
(dBm)
(dBm)
327
31
26
30
430
34
29
33
532
36
31
35
836
39
35
38
10
37
40
36
39
1 Watt Carrier at 900 MHz
1 Watt Carrier at 1900 MHz
Bias
Vdd
Third
Order
Intercept
Second
Order
Intercept
Second
Harmonic
Third
Order
Intercept
Second
Order
Intercept
Second
Harmonic
(Volts)
(dBm)
(dBm)
(dBc)
(dBm)
(dBm)
(dBc)
343
71
45
42
78
55
448
85
55
46
88
65
553
90
56
51
87
58
860
90
58
60
90
59
10
60
90
59
60
90
60
Bias
Control Input*
Bias
Current
Control Current
Control
Current
Signal Path State
Vdd
(Vdc)
A
(Vdc)
B
(Vdc)
Idd
(uA)
Ia
(uA)
Ib
(uA)
RF to RF1
RF to RF2
300
30
-15
-15
OFF
OFF
30
Vdd
25
-25
0
ON
OFF
3
Vdd
0250
-25
OFF
ON
500
110
-55
-55
OFF
OFF
5
0
Vdd
115
-100
-15
ON
OFF
5Vdd
0
115
-15
-100
OFF
ON
10
0
0
380
-190
-190
OFF
OFF
10
0
Vdd
495
-275
-220
ON
OFF
10
Vdd
0
495
-220
-275
OFF
ON
5
-Vdd
Vdd
600
-600
225
ON
OFF
5
Vdd
-Vdd
600
225
-600
OFF
ON
HMC174MS8 / 174MS8E
GaAs MMIC T/R SWITCH
DC - 3 GHz
v02.0805


Similar Part No. - HMC174MS8_05

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
More results

Similar Description - HMC174MS8_05

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC595 HITTITE-HMC595 Datasheet
343Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
HMC595 HITTITE-HMC595_08 Datasheet
231Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
logo
Analog Devices
HMC595A AD-HMC595A Datasheet
371Kb / 6P
   GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC595A HITTITE-HMC595A Datasheet
879Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
HMC574MS8 HITTITE-HMC574MS8 Datasheet
381Kb / 8P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
HMC574MS8 HITTITE-HMC574MS8_09 Datasheet
261Kb / 8P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
logo
Analog Devices
HMC574AMS8E AD-HMC574AMS8E Datasheet
601Kb / 6P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC484MS8G HITTITE-HMC484MS8G_10 Datasheet
889Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
HMC484MS8G HITTITE-HMC484MS8G_08 Datasheet
277Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com