Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC175MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC175MS8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC175MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC175MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
7
7 - 51
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
RF / IF Input
+13 dBm
LO Drive
+27 dBm
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC175MS8 / 175MS8E
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 1.7 - 4.5 GHz
v02.0705
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC175MS8
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H175
XXXX
HMC175MS8E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H175
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information


Similar Part No. - HMC175MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC175MS8 HITTITE-HMC175MS8 Datasheet
196Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8 Datasheet
172Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8_08 Datasheet
172Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
More results

Similar Description - HMC175MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC175MS8 HITTITE-HMC175MS8 Datasheet
196Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8_08 Datasheet
172Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC168C8 HITTITE-HMC168C8 Datasheet
117Kb / 3P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC218MS8 HITTITE-HMC218MS8_06 Datasheet
223Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC168C8 HITTITE-HMC168C8_06 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC219MS8 HITTITE-HMC219MS8 Datasheet
177Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC219MS8 HITTITE-HMC219MS8_06 Datasheet
247Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC218MS8 HITTITE-HMC218MS8_08 Datasheet
176Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED BALANCED MIXER, 4.5 - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com