Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC175MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC175MS8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC175MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC175MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC175MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 48
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC175MS8 / 175MS8E
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 1.7 - 4.5 GHz
v02.0705
General Description
Features
Functional Diagram
Ultra Small Package: MSOP8
Conversion Loss: 8 dB
LO / IF Isolation: 32 dB
LO / RF Isolation: 30 dB
IP3 (Input): +18 dBm
Electrical Specifications, T
A = +25° C, LO Drive = +13 dBm
Typical Applications
The HMC175MS8 / HMC175MS8E is ideal for:
• Mini-Base Stations
• Portable Wireless
• PCMCIA
The HMC175MS8 & HMC175MS8E are miniature
double-balanced mixers in
8-lead plastic surface
mount Mini Small Outline Packages (MSOP).
The
device can be used as an upconverter or downcon-
verter. The mixer provides exceptional isolation and
Intermodulation performance for applications in high
signal density environments.
This device can also
be used as a biphase modulator or demodulator.
The MSOP8 is the smallest footprint available for a
complete double-balanced mixer (0.118” x 0.190” x
0.040”).
Parameter
Broadband
PCS Band
ISM Band
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
1.7 - 4.5
1.7 - 2.0
2.2 - 2.6
GHz
Frequency Range, IF
DC - 1.0
DC - 1.0
DC - 1.0
GHz
Conversion Loss
8
11
9
11
8
10
dB
Noise Figure (SSB)
8
11
9
11
8
10
dB
LO to RF Isolation
25
30
35
40
30
35
dB
LO to IF Isolation
27
32
28
32
28
32
dB
IP3 (Input)
15
20
15
18
15
18
dBm
1 dB Gain Compression (Input)
9
12
9
11
9
11
dBm


Similar Part No. - HMC175MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC175MS8 HITTITE-HMC175MS8 Datasheet
196Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8 Datasheet
172Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8_08 Datasheet
172Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
More results

Similar Description - HMC175MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC175MS8 HITTITE-HMC175MS8 Datasheet
196Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8_08 Datasheet
172Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC168C8 HITTITE-HMC168C8 Datasheet
117Kb / 3P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC218MS8 HITTITE-HMC218MS8_06 Datasheet
223Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC168C8 HITTITE-HMC168C8_06 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC219MS8 HITTITE-HMC219MS8 Datasheet
177Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC219MS8 HITTITE-HMC219MS8_06 Datasheet
247Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC218MS8 HITTITE-HMC218MS8_08 Datasheet
176Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED BALANCED MIXER, 4.5 - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com