Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6275C Datasheet(PDF) 5 Page - DAESAN ELECTRONIC CORP.

Part # 1N6275C
Description  POWER 1500Watts VOLTAGE 6.8 to 440 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

1N6275C Datasheet(HTML) 5 Page - DAESAN ELECTRONIC CORP.

  1N6275C Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 1N6275C Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. 1N6275C Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. 1N6275C Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. 1N6275C Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. 1N6275C Datasheet HTML 6Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RATINGS AND CHARACTERISTIC CURVES 1.5KE SERIES AND 1N6267 THRU 1N6303(C)A
0.5
1
2.0
10
50
0.1
0.2
1.0
2.0
10
20
100
0.5
1
2.0
10
20
50
0.1
0.2
1.0
2.0
10
20
100
0.5
1
2.0
10
20
50
0.1
0.2
1.0
2.0
10
20
100
0.5
1
2.0
10
20
50
0.1
0.2
1.0
2.0
10
20
100
F ig. 7Ð Incremental C lamping Voltage
C urve (Unidirectional)
IP P , Peak P ulse C urrent (A)
F ig. 7Ð Incremental C lamping Voltage
C urve (B idirectional)
IP P , Peak P ulse C urrent (A)
F ig. 8Ð Incremental C lamping Voltage
C urve (Unidirectional)
IP P , Peak P ulse C urrent (A)
F ig. 10Ð Incremental C lamping Voltage
C urve (B idirectional)
IP P , Peak P ulse C urrent (A)
Waveform:
8/20 μ
S Impulse
V C = VC - V(BR )
Waveform:
10/1000μ
S Impulse
V C = VC - V(BR )
1.5K E 200
1.5K E 130
1.5K E 100
1.5K E 75
1.5K E 39
1.5K E 33
1.5K E 6.8
1.5K E 9.1
1.5K E 200
1.5K E 130
1.5K E 75
1.5K E 39
1.5K E 33
Waveform:
10/1000μ
S Impulse
V C = VC - V(BR )
1.5K E 200C
1.5K E 75C
1.5K E 39C
1.5K E 15C
1.5K E 11C
1.5K E 7.5C
1.5K E 30C
Waveform:
8/20μ
S Impulse
V C = VC - V(BR )
1.5K E 200C
1.5K E 75C
1.5K E 39C
1.5K E 15C
11C
1.5K E 7.5C
1.5K E 30C
1.5K E 6.8
1.5K E 9.1
1.5K E 18
1.5K E 12


Similar Part No. - 1N6275C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6275C TRSYS-1N6275C Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1N6275C TSC-1N6275C Datasheet
110Kb / 3P
   Transient Voltage Suppressor Diodes
logo
List of Unclassifed Man...
1N6275C ETC1-1N6275C Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
1N6275C EIC-1N6275C Datasheet
80Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1N6275C DAESAN-1N6275C Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1N6275C

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DAESAN ELECTRONIC CORP.
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
logo
Zibo Seno Electronic En...
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
   6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com