Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1S100 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # 1S100
Description  CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

1S100 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  1S100 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 1S100 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
0
175
150
125
100
75
50
25
0
1
0.75
0.5
0.25
RESISTIVE OR INDUCTIVE LOAD
0.375" (9.5MM) LEAD LENGTH
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
PULSE WIDTH=300
1% DUTY CYCLE
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1.6
0.01
50
10
1
0.1
TJ=125℃
TJ=25℃
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. VOLTS
0.1
100
10
1
10
400
100
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
NUMBER OF CYCLES AT 60Hz
TJ=TJ MAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
1
100
10
0
40
30
20
10
50
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0
100
80
60
40
20
0.001
10
1.0
0
0.01
100
TJ=125℃
TJ=75℃
TJ=25℃
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
T, PULSE DURATION, sec.
0.01
100
10
1
0.1
1
100
10
0.1
TJ=150℃
──
1S20-1S40
- - - 1S50-1S100
1S50-1S100
1S20-1S40
──
1S20-1S40
- - - 1S50-1S100
──
1S20-1S40
- - - 1S50-1S100
RATINGS AND CHARACTERISTIC CURVES 1S20 THRU 1S100


Similar Part No. - 1S100

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1S100 BILIN-1S100 Datasheet
179Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
UNIOHM CORPORATION
1S100 UNIOHM-1S100 Datasheet
66Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
1S100 GWSEMI-1S100 Datasheet
64Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SUNMATE electronic Co.,...
1S100 SUNMATE-1S100 Datasheet
344Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier
logo
Yangzhou yangjie electr...
1S100 YANGJIE-1S100 Datasheet
192Kb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - 1S100

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
1N5817 DAESAN-1N5817 Datasheet
338Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
1N17 DAESAN-1N17 Datasheet
341Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
SB120 DAESAN-SB120 Datasheet
356Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SR102 DAESAN-SR102 Datasheet
356Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SS12 DAESAN-SS12 Datasheet
255Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SK12 DAESAN-SK12 Datasheet
311Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
logo
Gaomi Xinghe Electronic...
1N5818SF GXELECTRONICS-1N5818SF Datasheet
338Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 40 Volts Forward Current - 1.0Ampere
1N5819SF GXELECTRONICS-1N5819SF Datasheet
332Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 40 Volts Forward Current - 1.0Ampere
logo
List of Unclassifed Man...
D1N5817 ETC-D1N5817 Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 40 Volts Forward Current - 1.0Ampere
logo
Gaomi Xinghe Electronic...
1N5817SF GXELECTRONICS-1N5817SF Datasheet
332Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 40 Volts Forward Current - 1.0Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com