Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-A4 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3X-A4
Description  Optical Fiber Photoelectric Sensor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-A4 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3X-A4 Datasheet HTML 7Page - Omron Electronics LLC E3X-A4 Datasheet HTML 8Page - Omron Electronics LLC E3X-A4 Datasheet HTML 9Page - Omron Electronics LLC E3X-A4 Datasheet HTML 10Page - Omron Electronics LLC E3X-A4 Datasheet HTML 11Page - Omron Electronics LLC E3X-A4 Datasheet HTML 12Page - Omron Electronics LLC E3X-A4 Datasheet HTML 13Page - Omron Electronics LLC E3X-A4 Datasheet HTML 14Page - Omron Electronics LLC E3X-A4 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
E3X
E3X
11
Fiber Unit
Through-beam (Separate) Sensors
Model
Ambient temperature
Ambient humidity
Permissible
bending radius
Material
Enclosure rating
E32-T11L
Operating: –40
°C to 70°C
( ith
i i
)
Operating: 35% to
85%
25 mm min.
Black polyethylene
IEC IP67
E32-T12L
Oe a
g
0 Co 0 C
(with no icing)
g
85%
E32-T21L
E32-T22L
E32-TC200
E32-TC200B
E32-TC200B4
E32-T22
E32-TC200E
E32-TC200F
E32-TC200F4
E32-TC200A
E32-T11
4 mm min.
Vinyl chloride
E32-T21
E32-TC200C
25 mm min.
Black polyethylene
E32-TC200D
E32-TC200D4
E32-T14L
E32-T24
E32-T14
E32-T17L
E32-T12F
Operating: –30
°C to 70°C
(with no icing)
40 mm min.
Teflon-covered
black polyethylene
E32-M21
Operating: –40
°C to 70°C
(with no icing)
25 mm min.
Black polyethylene
E32-T51
Operating: –40
°C to
150
°C* (with no icing)
35 mm min.
Fluoride resin
E32-T61
Operating: –40
°C to
300
°C (with no icing)
25 mm min.
SUS
*When used continuously between –40
°C and 130°C.


Similar Part No. - E3X-A4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-A41 OMRON-E3X-A41 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
More results

Similar Description - E3X-A4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-N OMRON-E3X-N Datasheet
906Kb / 52P
   Teaching Optical Fiber Photoelectric Sensor
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
   Fine Tuning Fiber Photoelectric Sensor
E32S15105M OMRON-E32S15105M Datasheet
844Kb / 10P
   Optical Fiber Glossy Object Sensor
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com