Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKD600 Datasheet(PDF) 5 Page - International Rectifier

Part # IRKD600
Description  STANDARD DIODES SUPER MAGM-A-part??Power Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD600 Datasheet(HTML) 5 Page - International Rectifier

  IRKD600_06 Datasheet HTML 1Page - International Rectifier IRKD600_06 Datasheet HTML 2Page - International Rectifier IRKD600_06 Datasheet HTML 3Page - International Rectifier IRKD600_06 Datasheet HTML 4Page - International Rectifier IRKD600_06 Datasheet HTML 5Page - International Rectifier IRKD600_06 Datasheet HTML 6Page - International Rectifier IRKD600_06 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
IRKD600.. Series
Bulletin I27402 rev. B 09/06
Fig. 4 - Forward Power Loss Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Power Loss Characteristics
0
100
200
300
400
500
600
700
0
100
200
300
400
500
600
Average Forward Current (A)
RMSLimit
Conduction Angle
180°
120°
90°
60°
30°
IRKD600.. Series
Per Junction
T = 150°C
J
0
100
200
300
400
500
600
700
800
900
1000
0
200
400
600
800
1000
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMSLimit
Conduction Period
IRKD600.. Series
Per Junc tion
T = 150°C
J
4000
6000
8000
10000
12000
14000
16000
18000
1
10
100
Numb er Of Equa l Amplitude Half Cyc le Current Pulses (N)
IRKD600.. Series
Per Junc tion
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
0
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
0.0
8
K/
W
0.1
2
K/W
0.1
6 K
/ W
0.25
K/W
0.35
K/W
0.5 K/ W
0
200
400
600
800
1000
0
200
400
600
800
1000
Total RMSOutput Current (A)
IRKD600.. Series
Per Junc tion
T = 150°C
J
180°
(Sine)
DC
4000
6000
8000
10000
12000
14000
16000
18000
20000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Initial T = 150°C
No Voltage Reapplied
Rated V
Rea pplied
RRM
Versus Pulse Train Dura tion.
J
IRKD600.. Series
Per Junc tion


Similar Part No. - IRKD600_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRKD600-08 VISHAY-IRKD600-08 Datasheet
255Kb / 9P
   Standard Diodes
Revision: 29-Apr-15
More results

Similar Description - IRKD600_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD600 VISHAY-VSKD600 Datasheet
240Kb / 7P
   Standard Diodes, 600 A(SUPER MAGN-A-PAKTM Power Modules)
Revision: 11-Aug-08
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 05-Dec-16
VSKD600 VISHAY-VSKD600_10 Datasheet
244Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VS-VSKD600 VISHAY-VS-VSKD600_V01 Datasheet
258Kb / 8P
   Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
01-Jan-2022
logo
Nell Semiconductor Co.,...
NKD60 NELLSEMI-NKD60 Datasheet
273Kb / 5P
   Standard Diodes, 600 A ( MAGN-A-PAK Power Modules)
NKD250 NELLSEMI-NKD250 Datasheet
1Mb / 4P
   Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VSKDL450 VISHAY-VSKDL450 Datasheet
196Kb / 8P
   Fast Diodes, 460 A (SUPER MAGN-A-PAKTM Power Modules)
Revision: 12-Jun-08
VSKDL450 VISHAY-VSKDL450_10 Datasheet
202Kb / 9P
   Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
logo
Nell Semiconductor Co.,...
NKD240 NELLSEMI-NKD240 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 240 A(INT-A-PAK Power Modules)
NKD200 NELLSEMI-NKD200 Datasheet
1Mb / 3P
   Standard Recovery Diodes, 200 A(INT-A-PAK Power Modules)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com