Selected language     English  ▼


S-10 Datasheet(PDF) 1 Page - Sumida Corporation

Part No. S-10
Description  10.8×10.8mm Max.(L×W), 13.0mm Max. Height. (S-10K)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

   
 1 page
background image
Type: S-10K, S-10KN
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
RF COILS <Pin Type: S-10 Series>
12.0±0.5
4.0
-0.5
+1.0
7.0±0.2
10.0±0.3
Product Description
10.8×10.8mm Max.(L×W), 13.0mm Max. Height. (S-10K)
10.3×10.3mm Max.(L×W), 12.5mm Max. Height. (S-10KN)
Inductance:30μH Max.
Operating frequency: 300MHz Max.
In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements..
Feature
Variable type.
Both shielded(S-10K) and unshielded(S-10KN) types are available.
RoHS Compliance
Dimensions (mm)
S-10K
S-10KN
Dimension does not include solder used on coil.
Pin pitch should be measured at the root of terminal.
Dimensions without tolerance are approx.
12.5±0.5
3.5
+1.0
-0.5
10.4±0.4
7.0±0.2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ETCSPthe first ball grid array capable of an extremely thin 0.5 mm maximum mounted height. 1 2 Amkor Technology
D10040240GTHGaAs Power Doubler 40 - 1000MHz 24.0dB min. Gain @ 1GHz High 440mA max. @ 24VDC 1 2 3 4 PREMIER DEVICES, INC.
R0605250L2Si Reverse low current 5 - 65 MHz 25.0dB typ. Gain @ 65MHz 140mA max. @ 24VDC 1 2 3 4 PREMIER DEVICES, INC.
B82114VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A 1 2 3 4 5 MoreEPCOS
S8740340GaAs Push Pull 40 - 870MHz 34.5dB min. Gain @ 870MHz 280mA max. @ 24VDC 1 2 3 4 PREMIER DEVICES, INC.
SC16C852L1.8 V dual UART 5 Mbit/s max. with 128-byte FIFOs infrared IrDA and 16 mode or 68 mode bus interface 1 2 3 4 5 MoreNXP Semiconductors
SC16C2550B_075 V 3.3 V and 2.5 V dual UART 5 Mbit/s max. with 16-byte FIFOs 1 2 3 4 5 MoreNXP Semiconductors
LRD190Max. Device Surface Temperature in Tripped State 1 2 Littelfuse
SC16C8502.5 V to 3.3 V UART 5 Mbit/s max. with 128-byte FIFOs infrared IrDA and 16 mode or 68 mode parallel bus interface 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl