Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-10KN Datasheet(PDF) 2 Page - Sumida Corporation

Part # S-10KN
Description  10.8횞10.8mm Max.(L횞W), 13.0mm Max. Height. (S-10K)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

S-10KN Datasheet(HTML) 2 Page - Sumida Corporation

  S-10KN Datasheet HTML 1Page - Sumida Corporation S-10KN Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: S-10K, S-10KN
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
RF COILS <Pin Type: S-10 Series>
③④
S
S
Connection (Bottom View)
S-10K
S-10KN
S”is winding start.
Specification (S-10K) (Part No. 2236-T058)
Item
(1-3)
Measuring Conditions
Tuning capacity
46
.0pF±2% Variable
75
.0MHz
Unloaded Qu
45
Min.
75
.0MHz
Inductance
.08μH (Ref.)
75
.0MHz
Specification(S-10KN) (Part No.S1075216)
Item
(1-3)
Measuring Condition
Inductance
17μH±5%
Variable
.52MHz
Unloaded Qu
35
Min.
.52MHz
S


Similar Part No. - S-10KN

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
S-10KN SUMIDA-S-10KN Datasheet
172Kb / 2P
   RF COILS
More results

Similar Description - S-10KN

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
BM8090 SUMIDA-BM8090 Datasheet
211Kb / 1P
   8.5횞8.5mm Max.(L횞W),9.5mm Max. Height
CAS143 SUMIDA-CAS143 Datasheet
89Kb / 1P
   11.55횞3.3mm Max.(L횞W),3.55mm Max. Height
CAS113 SUMIDA-CAS113 Datasheet
84Kb / 1P
   11.55횞3.3mm Max.(L횞W),3.55mm Max. Height
BM8090N SUMIDA-BM8090N Datasheet
213Kb / 1P
   7.3횞7.3mm Max.(L횞W),7.5mm Max. Height
CAS19D17C SUMIDA-CAS19D17C Datasheet
31Kb / 1P
   19.0횞5.3mm Max.(L횞W),1.9mm Max. Height
BM8290 SUMIDA-BM8290 Datasheet
208Kb / 1P
   9.25횞8.05mm Max.(L횞W),8.85mm Max. Height.
BM2014 SUMIDA-BM2014 Datasheet
214Kb / 1P
   19.5횞9.5mm Max.(L횞W),14.5mm Max. Height
BM2015 SUMIDA-BM2015 Datasheet
37Kb / 1P
   21.0횞10.5mm Max.(L횞W),15.5mm Max. Height.
CAS11D28 SUMIDA-CAS11D28 Datasheet
198Kb / 1P
   11.6횞3.5mm Max.(L횞W),2.95mm Max. Height
CAS11D21 SUMIDA-CAS11D21 Datasheet
201Kb / 1P
   11.6횞3.3mm Max.(L횞W),2.3mm Max. Height
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com