Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-TC200B4 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E32-TC200B4
Description  Optical Fiber Photoelectric Sensor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-TC200B4 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E32-TC200B4 Datasheet HTML 6Page - Omron Electronics LLC E32-TC200B4 Datasheet HTML 7Page - Omron Electronics LLC E32-TC200B4 Datasheet HTML 8Page - Omron Electronics LLC E32-TC200B4 Datasheet HTML 9Page - Omron Electronics LLC E32-TC200B4 Datasheet HTML 10Page - Omron Electronics LLC E32-TC200B4 Datasheet HTML 11Page - Omron Electronics LLC E32-TC200B4 Datasheet HTML 12Page - Omron Electronics LLC E32-TC200B4 Datasheet HTML 13Page - Omron Electronics LLC E32-TC200B4 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
E3X
E3X
10
High-precision Screen Sensors
Model
Appearance
Slit width
Sensing distance
(H: E3X-H11; A: E3X-A
jj;
F: E3X-F
jj; V: E3X-VGjj)
Min. sensing object*
(horizontal beam)
E32-T16P
Not used
H:
600 mm
A:
300 mm
H:
1.3-mm dia. (1.1-mm dia.)
A:
2.0-mm dia. (0.9-mm dia.)
0.5 mm wide
H:
100 mm
A:
50 mm
H:
1.3-mm dia. (0.4-mm dia.)
A:
2.0-mm dia. (0.7-mm dia.)
1.0 mm wide
H:
200 mm
A:
100 mm
H:
1.3-mm dia. (0.6-mm dia.)
A:
2.0-mm dia. (0.8-mm dia.)
E32-T16
Not used
H:
1,500 mm
A:
750 mm
F:
330 mm
V:
150 mm
H:
6.0-mm dia.
A:
6.0-mm dia.
F:
7.0-mm dia.
V:
7.0 mm dia.
0.5 mm wide
H:
900 mm
A:
450 mm
F:
120 mm
V:
20 mm
H:
5.0-mm dia.
A:
5.0-mm dia.
F:
7.0-mm dia.
V:
7.0-mm dia.
1.0 mm wide
H:
1,200 mm
A:
600 mm
F:
250 mm
V:
60 mm
H:
6.0-mm dia.
A:
6.0-mm dia.
F:
7.0-mm dia.
V:
7.0-mm dia.
*
Values not in parentheses represent sensing objects within the 11-mm sensing area and values in parentheses represent sensing objects in
the center of the E32-T16P sensing area. The diameters of sensing objects in the above table represent sensing object sizes, on condition
that the objects are not moving.
Sensing Direction
Sensing
object
Specifications
Amplifier Units
Indicator
Light indicator (red), Stability indicator (green)
Sensitivity adjuster
8 turns with indicator (except E3X-T
jj)
Circuit protection
Reverse polarity, Output short-circuit
Ambient temperature
Operating:–25
°C to 55°C (with no icing)
Storage: –40
°C to 70°C
Ambient humidity
35% to 85% (with no condensation)
Ambient illumination
Sunlight: 10,000 x max.; Incandescent lamp: 3,000 x max.
Insulation resistance
20 MW min. (at 500 VDC)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Enclosure rating
IEC IP66 (with protective cover in place) (see note)
Material
Case: Heat-resistive ABS; Cover: Polycarbonate
Connection method
Cord-drawing method
Weight (with 2-m cord)
Approx. 100 g
Note:
The enclosure rating is IP50 without the protection cover.


Similar Part No. - E32-TC200B4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-TC200B4 OMRON-E32-TC200B4 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-TC200B4 OMRON-E32-TC200B4 Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
E32-TC200B4 OMRON-E32-TC200B4 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
E32-TC200B4R OMRON-E32-TC200B4R Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-TC200B4R OMRON-E32-TC200B4R Datasheet
17Mb / 67P
   Fiber Sensors Best Selection Catalog
More results

Similar Description - E32-TC200B4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-N OMRON-E3X-N Datasheet
906Kb / 52P
   Teaching Optical Fiber Photoelectric Sensor
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
   Fine Tuning Fiber Photoelectric Sensor
E32S15105M OMRON-E32S15105M Datasheet
844Kb / 10P
   Optical Fiber Glossy Object Sensor
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com