Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A05 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # 10A05
Description  CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

10A05 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  10A05 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 10A05 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE ( ℃)
100
0
20
160
140
120
60
40
200
180
80
8
0
2
6
4
12
10
FIG.3-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
10
1
100
NUMBER OF CYCLES AT 60Hz
100
0
300
600
500
400
200
FIG.5-TYPICAL THERMAL RESISTANCE VS LEAD
LENGTH
EQUAL LEAD LENGTH TO HEAT SINK, (IN.)
0.5
0
0.1
0.6
0.4
0.3
0.2
0.9
1.0
0.8
0.7
0
10
15
20
25
30
5
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
10
100
0.1
1000
1
1.8
1.0
1.2
2.0
1.6
1.4
0.6
0.8
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
TJ=25℃
PULSE WIDTH=300μS
1% DUTY CYCLE
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
100
0
20
140
120
80
60
40
TJ=25℃
TJ=100℃
0.01
0.1
10
1.0
100
RATINGS AND CHARACTERISTIC CURVES 10A05 THRU 10A10


Similar Part No. - 10A05

ManufacturerPart #DatasheetDescription
logo
Bytes
10A05 BYTES-10A05 Datasheet
190Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
10A05 SHUNYE-10A05 Datasheet
99Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
10A05 SEMTECH_ELEC-10A05 Datasheet
81Kb / 1P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
Gaomi Xinghe Electronic...
10A05 GXELECTRONICS-10A05 Datasheet
329Kb / 2P
   GENERAL PURPOSE PLASTICK RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
10A05 KISEMICONDUCTOR-10A05 Datasheet
66Kb / 2P
   CURRENT: PLASTIC SILICON RECTIFIER
More results

Similar Description - 10A05

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
KBU10A DAESAN-KBU10A Datasheet
229Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ10A DAESAN-KBJ10A Datasheet
241Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
SM101 DAESAN-SM101 Datasheet
232Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com