Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A60G Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # 6A60G
Description  CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

6A60G Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  6A60G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 6A60G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6A05G THRU 6A100G
Features
Mechanical Data
· The plastic package carries Underwrites Laboratory
Flammability Classification 94V-0
· High current capability
· Low reverse leakage
· Glass passivated junction
· Low forward voltage drop
· High temperature soldering guaranteed : 350℃/10 seconds,
0.375"(9.5mm) lead length, 5 lbs, (2.3kg) tension
Maximum Ratings And Electrical Characteristics
· Case : P-6 molded plastic body
· Terminals : Lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.007 ounce, 2.1 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V DC.
(2) Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length, P.C.B. mounted
with 1.1×1.1"(30×30mm) copper pads.
CURRENT 6.0 Amperes
VOLTAGE 50 to 1000 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms half sine
wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length (see Fig.1)
Maximum instantaneous forward voltage
at 6.0A
VRRM
Volts
Symbols
Units
1.1
VF
VRMS
6.0
Amps
400.0
IFSM
TJ
TSTG
100.0
-50 to +175
Volts
Amps
Maximum reverse current
at rated DC blocking voltage
Typical thermal resistance (Note 2)
Typical junction capacitance (Note 1)
Operating and storage temperature range
50
6A05G
35
50
10.0
20.0
4.0
Volts
μA
℃/W
pF
I(AV)
IR
JL
JA
TA=25℃
TA=100℃
150
CJ
100
6A10G
70
100
200
6A20G
140
200
400
6A40G
280
400
600
6A60G
420
600
800
6A80G
560
800
1000
6A100G
700
1000
Dimensions in inches and (millimeters)
P-6
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.360(9.1)
0.340(8.6)
0.052(1.3)
0.048(1.2)
DIA.
0.360(9.1)
0.340(8.6)
DIA.


Similar Part No. - 6A60G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
6A60G TSC-6A60G Datasheet
65Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
6A60G TSC-6A60G Datasheet
236Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
6A60G TSC-6A60G Datasheet
521Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
6A60G TSC-6A60G Datasheet
200Kb / 4P
   Glass Passivated Rectifiers
logo
RFE international
6A60G RFE-6A60G Datasheet
425Kb / 2P
   General Purpose Rectifier 6A05G Through 6A100G
AUG-09-2023
More results

Similar Description - 6A60G

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
UF601 DAESAN-UF601 Datasheet
325Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
HER601G DAESAN-HER601G Datasheet
305Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL6005 DAESAN-KBL6005 Datasheet
227Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
6A05 DAESAN-6A05 Datasheet
271Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBU6A DAESAN-KBU6A Datasheet
228Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC6005 DAESAN-KBPC6005 Datasheet
187Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
HER601 DAESAN-HER601 Datasheet
325Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR601G DAESAN-FR601G Datasheet
315Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com