Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-B24V1J Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-B24V1J
Description  LED GaP/GaP Green Low current requirement.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-B24V1J Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-B24V1J Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-B24V1J Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B2
24
4V
V1
1JJ
Ver.1.0 Page: 1 of 2
SINCE 1981
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
Package dimensions:
1. Chip material: GaP/GaP
2. Emitted color : Green
3. Lens Appearance : Green Trans
4. Low power consumption.
5. High efficiency.
6. Versatile mounting on P.C. Board or panel.
7. Low current requirement.
8. 3mm diameter package.
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40~80
Storage Temperature
Tstg
-40~85
Soldering Temperature
Tsol
260(for 5 seconds)
*
1Condition for I
FP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-B24V1J

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B24V1J YSTONE-BL-B24V1J Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B24V1J YSTONE-BL-B24V1J Datasheet
461Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
More results

Similar Description - BL-B24V1J

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B21V1H-L BRIGHT-BL-B21V1H-L Datasheet
127Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B2130A BRIGHT-BL-B2130A Datasheet
113Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B24V1G BRIGHT-BL-B24V1G Datasheet
133Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B24V1T BRIGHT-BL-B24V1T Datasheet
129Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B21V1F BRIGHT-BL-B21V1F Datasheet
137Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B21V1J BRIGHT-BL-B21V1J Datasheet
144Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B2133 BRIGHT-BL-B2133 Datasheet
131Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B21V1G-L BRIGHT-BL-B21V1G-L Datasheet
149Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B21V1T BRIGHT-BL-B21V1T Datasheet
136Kb / 2P
   LED GaP/GaP Green Low current requirement.
BL-B21V5D BRIGHT-BL-B21V5D Datasheet
136Kb / 2P
   LED GaP/GaP Green Low current requirement.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com