Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-B31V1J Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-B31V1J
Description  LED GaP/GaP YELLOW Low current requirement.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-B31V1J Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-B31V1J Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-B31V1J Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B3
31
1V
V1
1JJ
Ver.2.0 Page: 1 of 2
SINCE 1981
5.10(.201)
1.5(.059)
MAX.
2.54(.10)
NOM.
1.0(.04) MIN.
0.5(.02)
SQ. TYP.
25.4(1.0) MIN.
3.00(.118)
3.0(.118)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
● Package dimensions:
1. Chip material: GaAsP/GaP
2. Emitted color : Yellow
3. Lens Appearance : Yellow Diffused
4. Low power consumption.
5. High efficiency.
6. Versatile mounting on P.C. Board or panel.
7. Low current requirement.
8. 3mm diameter package
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40~80
Storage Temperature
Tstg
-40~85
Soldering Temperature
Tsol
260(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-B31V1J

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B31V1J YSTONE-BL-B31V1J Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B31V1J YSTONE-BL-B31V1J Datasheet
461Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
More results

Similar Description - BL-B31V1J

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B3137M BRIGHT-BL-B3137M Datasheet
152Kb / 2P
   LED GaP/GaP YELLOW Low current requirement.
BL-B31V1H-L BRIGHT-BL-B31V1H-L Datasheet
128Kb / 2P
   LED GaP/GaP YELLOW Low current requirement.
BL-B3134-L BRIGHT-BL-B3134-L Datasheet
130Kb / 2P
   LED GaP/GaP YELLOW Low current requirement.
BL-B3134-1-L BRIGHT-BL-B3134-1-L Datasheet
139Kb / 2P
   LED GaP/GaP YELLOW Low current requirement.
BL-B31V1T BRIGHT-BL-B31V1T Datasheet
138Kb / 2P
   LED GaP/GaP YELLOW Low current requirement.
BL-B3134 BRIGHT-BL-B3134 Datasheet
128Kb / 2P
   LED GaP/GaP YELLOW Low current requirement.
BL-B31V1G BRIGHT-BL-B31V1G Datasheet
147Kb / 2P
   LED GaP/GaP Yellow Low current requirement.
BL-B34V1 BRIGHT-BL-B34V1 Datasheet
129Kb / 2P
   LED GaP/GaP YELLOW Low current requirement.
BL-B3134C BRIGHT-BL-B3134C Datasheet
128Kb / 2P
   LED GaP/GaP YELLOW Low current requirement.
BL-B31V1 BRIGHT-BL-B31V1 Datasheet
132Kb / 2P
   LED GaP/GaP Yellow Low current requirement.
BL-B3134N BRIGHT-BL-B3134N Datasheet
150Kb / 2P
   LED GaP/GaP YELLOW Low current requirement.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com