Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # BAS70
Description  Surface Mount Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BAS70 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  BAS70 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BAS70 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS70
Surface Mount Schottky
Barrier Diode
Case: Molded Plastic
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: See Diagrams Below
Weight: 0.008 grams (approx.)
Mounting Position: Any
Low Turn-on Voltage
Very Low Capacitance - Less Than 2.0pF @ 0V
Forhighspeedswitchingapplication, circuit
protection
LowForward Voltage-0.75V(Max) @ I = 10 mA
F
K
J
C
H
L
A
B S
G
V
3
1
2
D
To p View
1
2
3
3
CATHODE
1
ANODE
Dim
Min
Max
A
2.800 3.040
B
1.200 1.400
C
0.890 1.110
D
0.370 0.500
G
1.780 2.040
H
0.013 0.100
J
0.085 0.177
K
0.450 0.600
L
0.890 1.020
S
2.100 2.500
V
0.450 0.600
All Dimension in mm
SOT-23
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Volts
Forward Power Dissipation
@ TA = 25
Derate above 25
PF
225
1.8
mW
O
mW/ C
Operating Junction and Storage Temperature Range
TJ, Tstg
-55to +1 50
DE VICE MAR KI NG
BAS70 = BE
ELECTRICAL CHARACTERISTICS
(TA = 25 unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage (I = 10 mA)
R
V(BR)R
70
Volts
Total Capacitance (V = 0 V, f = 1.0 MHz)
R
CT
2.0
pF
Reverse Leakage (V = 50 V)
R
(V = 70 V)
R
IR
0.1
10
mAdc
Forward Voltage (IF = 1.0 mAdc)
VF
410
mVdc
Forward Voltage (IF = 10 mAdc)
VF
750
mVdc
Forward Voltage (IF = 15 mAdc)
VF
1.0
Vdc
Maximum Rating S (T = 1505C unless otherwise noted)
J
O
C
O
C
O
C
O
C
Features
Mechanical Data


Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS70 DIOTEC-BAS70 Datasheet
149Kb / 2P
   Surface Mount Schottky Barrier Single/Dual Diodes
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
   Schottky barrier double diodes
1999 Jun 01
logo
FutureWafer Tech Co.,Lt...
BAS70 FUTUREWAFER-BAS70 Datasheet
2Mb / 18P
   Surface Mount Switching Diode
27-DEC-2021 V 2.0
logo
Nanjing International G...
BAS70 DGNJDZ-BAS70 Datasheet
93Kb / 2P
   Low turn-on voltage
logo
Weitron Technology
BAS70 WEITRON-BAS70 Datasheet
249Kb / 2P
   Surface Mount Schottky Barrier Diodes
More results

Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com