Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL4732A Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # DL4732A
Description  1W SURFACE MOUNT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

DL4732A Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  DL4732A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. DL4732A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. DL4732A Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DL4728A THRU DL4764A
1W SURFACE MOUNT
ZENER DIODES
Features
Mechanical Data
· 1.0W Power Dissipation
· 3.9V - 100V Nominal Zener Voltages
· Standard VZ Tolerance is 5%
· Case : MELF(DO-41) glass
· Terminals : Solderable per MIL-STD-202, method 208
· Polarity : Cathode band
· Approx. Weight : 0.25 grams
Absolute Maximum Ratings (Limiting Values)
(TA=25℃)
Symbols
Value
Units
Zener current see table "Characteristics"
Power dissipation at TA=25℃ (Note 1)
W
V
K/W
mA
1
Thermal resistance - Junction to ambient air (Note 1)
1.2
-65 to +200
Forward voltage at IF=200 mA
Operating & storage temperature range
Notes :
(1) Valid provided that electrodes of the case ard kept at ambient temperature.
(2) Measured under thermal equilibrium and DC (IZT) test conditions.
(3) The Zener impedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value equal to 10%
of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee
on the breakdown curve and to eliminate unstable units.
Pd
VF
Iz
Pd/Vz
TJ,
170
TSTG
RθJA
Dimensions in inches and (millimeters)
MELF (DO-41)
0.205(5.20)
0.190(4.80)
0.024(0.60)
0.018(0.46)
SOLDERABLE ENDS
0.105(2.70)
0.095(2.40)


Similar Part No. - DL4732A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DL4732A RECTRON-DL4732A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Rugao Dachang Electroni...
DL4732A DACHANG-DL4732A Datasheet
119Kb / 2P
   Low reverse leakage
logo
Shanghai Leiditech Elec...
DL4732A LEIDITECH-DL4732A Datasheet
688Kb / 4P
   Surface mount zener diodes zener voltag 3.3-100V 1.0Watt Power Dissipation
logo
Dc Components
DL4732A DCCOM-DL4732A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
SeCoS Halbleitertechnol...
DL4732A SECOS-DL4732A Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
More results

Similar Description - DL4732A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
   1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Zibo Seno Electronic En...
ZM4728 ZSELEC-ZM4728 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
   1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
   1W Zener Diodes
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com