Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR155G Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # FR155G
Description  CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

FR155G Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  FR155G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. FR155G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR151G THRU FR157G
Features
Mechanical Data
· Fast switching
· Low leakage
· Low forward voltage drop
· High current capability
· Glass passivated junction
· High switching capability
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-15 molded plastic body
· Terminals : Plated axial lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.014 ounce, 0.39 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 1.5 Amperes
VOLTAGE 50 to 1000 Volts
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length TA=55℃
Maximum instantaneous forward voltage
at 1.5A
VRRM
Volts
Symbols
Units
1.3
VF
VRMS
1.5
Amps
Amps
IFSM
TJ
TSTG
-65 to +175
Volts
Maximum DC reverse current at rated DC
blocking voltage
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Operating junction and storage
temperature range
50
FR
151G
35
50
5.0
250
Volts
μA
ns
pF
I(AV)
IR
Trr
20.0
CJ
100
FR
152G
70
100
200
FR
153G
140
200
400
FR
154G
280
400
600
FR
155G
420
600
800
FR
156G
560
800
1000
FR
157G
700
1000
Maximum full load reverse current full cycle
average. 0.375"(9.5mm) lead length at
TL=55℃
500
150
60.0
100
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.300(7.6)
0.230(5.8)
0.034(0.9)
0.028(0.7)
DIA.
0.140(3.6)
0.104(2.6)
DIA.


Similar Part No. - FR155G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR155G RECTRON-FR155G Datasheet
240Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Shanghai Shunye Electro...
FR155G SHUNYE-FR155G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Galaxy Semi-Conductor H...
FR155G BILIN-FR155G Datasheet
52Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Sangdest Microelectroni...
FR155G SMC-FR155G Datasheet
160Kb / 4P
   FAST RECOVERY RECTIFIER
logo
Jinan Gude Electronic D...
FR155G JGD-FR155G Datasheet
138Kb / 2P
   1.5 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - FR155G

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151G DAESAN-RL151G Datasheet
316Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151 DAESAN-RL151 Datasheet
309Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER15X DAESAN-HER15X Datasheet
285Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
KB151 DAESAN-KB151 Datasheet
225Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
W005M DAESAN-W005M Datasheet
206Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
1N53 DAESAN-1N53 Datasheet
316Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
PACELEADER INDUSTRIAL
FR151 PACELEADER-FR151 Datasheet
609Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
logo
WILLAS ELECTRONIC CORP
RB15 WILLAS-RB15 Datasheet
275Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com