Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

224MS8E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 224MS8E
Description  GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

224MS8E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  224MS8E Datasheet HTML 1Page - Hittite Microwave Corporation 224MS8E Datasheet HTML 2Page - Hittite Microwave Corporation 224MS8E Datasheet HTML 3Page - Hittite Microwave Corporation 224MS8E Datasheet HTML 4Page - Hittite Microwave Corporation 224MS8E Datasheet HTML 5Page - Hittite Microwave Corporation 224MS8E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8
8 - 42
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC224MS8 / 224MS8E
GaAs MMIC T/R SWITCH
5.0 - 6.0 GHz
v02.0805
General Description
Features
Functional Diagram
Low Cost 5-6 GHz Switch
Ultra Small Package: MSOP8
High Input P1dB: +33 dBm
Single Positive Supply: +3 to +8V
Electrical Specifications, T
A = +25° C, Vdd = +5 Vdc, 50 Ohm System
Typical Applications
The HMC224MS8 / HMC224MS8E is ideal for:
• UNII & HiperLAN
• PCMCIA WirelessLAN
The HMC224MS8 & HMC224MS8E are low-cost
SPDT switches in 8-lead MSOP packages for use in
transmit-receive applications. The device can control
signals from 5.0 to 6.0 GHz and is especially suited
for 5.2 GHz UNII and 5.8 GHz ISM applications with
only 1.2 dB loss. The design provides exceptional
power handling performance; input P1dB = +33 dBm
at 5 Volt bias. RF1 and RF2 are reflective shorts
when “Off”.
On-chip circuitry allows single positive
supply operation at very low DC current with control
inputs compatible with CMOS and most TTL logic
families. No DC blocking capacitors are required on
RF I/O ports.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
5.0 - 6.0 GHz
5.1 - 5.4 GHz
5.4 - 5.9 GHz
1.3
1.2
1.3
1.6
1.5
1.6
dB
dB
dB
Isolation
5.0 - 6.0 GHz
5.1 - 5.4 GHz
5.4 - 5.9 GHz
20
26
22
24
31
27
dB
dB
dB
Return Loss
RF Common
RF1 & RF2
5.0 - 6.0 GHz
5.1 - 5.9 GHz
5.0 - 6.0 GHz
5.1 - 5.9 GHz
11
12
11
11
15
16
14
15
dB
dB
dB
dB
Input Power for 1 dB Compression
0/3V Control
0/5V Control
5.0 - 6.0 GHz
5.0 - 6.0 GHz
27
29
31
33
dBm
dBm
Input Third Order Intercept
0/3V Control
0/5V Control
5.0 - 6.0 GHz
5.0 - 6.0 GHz
31
33
35
37
dBm
dBm
Switching Characteristics
5.0 - 6.0 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
10
25
ns
ns


Similar Part No. - 224MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
224MS8E HITTITE-224MS8E Datasheet
154Kb / 4P
   GaAs MMIC T/R SWITCH 5 - 6 GHz
More results

Similar Description - 224MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC224MS8 HITTITE-HMC224MS8 Datasheet
162Kb / 4P
   GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
HMC223MS8 HITTITE-HMC223MS8 Datasheet
0Kb / 4P
   GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
HMC223MS8 HITTITE-HMC223MS8_00 Datasheet
116Kb / 4P
   GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
   SPDT T/R Switch 5.0 - 6.0 GHz
logo
Hittite Microwave Corpo...
HMC536MS8G HITTITE-HMC536MS8G Datasheet
198Kb / 6P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC536LP2 HITTITE-HMC536LP2 Datasheet
213Kb / 6P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC393MS8G HITTITE-HMC393MS8G Datasheet
258Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
HMC393MS8G HITTITE-HMC393MS8G_07 Datasheet
279Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ Datasheet
58Kb / 4P
   5.0 - 6.0 SPDT T/R Switch
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com