Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-B2141-L Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-B2141-L
Description  LED GaP/GaP Green Low current requirement High efficiency.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-B2141-L Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-B2141-L Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-B2141-L Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B2
21
14
41
1--L
L
Ver.2.0 Page: 1 of 2
SINCE 1981
2.54(.100)
1.00(.039) MIN.
NOM.
3.00(.118)
5.30(.209)
1.5(.059)
0.81(.032)
0.5(.02)
SQ.TYP.
MAX.
25.4(1.00) MIN.
3.80(.150)
Flat Denotes Cathode
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
● Package dimensions:
1. Chip material: GaP/GaP
2. Emitted color : Green
3. Lens Appearance : Green Diffused
4. Low power consumption.
5. High efficiency.
6. Versatile mounting on P.C. Board or panel.
7. Low current requirement.
8. 3mm diameter package.
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
14
mW
Forward Current
IF
7
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40~80
Storage Temperature
Tstg
-40~85
Soldering Temperature
Tsol
260(for 5 seconds)


Similar Part No. - BL-B2141-L

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B2141-L YSTONE-BL-B2141-L Datasheet
183Kb / 2P
   LOW-CURRENT LED LAMPS (ROUND TYPES)
logo
BRIGHT LED ELECTRONICS ...
BL-B2141-L_ BRIGHT-BL-B2141-L_ Datasheet
295Kb / 5P
   T-1 STANDARD 1.0" LEAD 3?
BL-B2141-L_V1 BRIGHT-BL-B2141-L_V1 Datasheet
295Kb / 5P
   T-1 STANDARD 1.0" LEAD 3?
More results

Similar Description - BL-B2141-L

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B2134J BRIGHT-BL-B2134J Datasheet
128Kb / 2P
   LED GaP/GaP Green Low current requirement High efficiency.
BL-B2134N-1-L BRIGHT-BL-B2134N-1-L Datasheet
166Kb / 2P
   LED GaP/GaP Green Low current requirement High efficiency.
BL-B2334G-1 BRIGHT-BL-B2334G-1 Datasheet
156Kb / 2P
   LED GaP/GaP Green Low current requirement High efficiency.
BL-B2433N BRIGHT-BL-B2433N Datasheet
128Kb / 2P
   LED GaP/GaP Green Low current requirement High efficiency.
BL-B2134-1 BRIGHT-BL-B2134-1 Datasheet
115Kb / 2P
   LED GaP/GaP Green Low current requirement High efficiency
BL-B2141Q BRIGHT-BL-B2141Q Datasheet
131Kb / 2P
   LED GaP/GaP Green Low current requirement High efficiency.
BL-B2134C BRIGHT-BL-B2134C Datasheet
145Kb / 2P
   LED GaP/GaP Green Low current requirement High efficiency.
BL-B2134N-1 BRIGHT-BL-B2134N-1 Datasheet
130Kb / 2P
   LED GaP/GaP Green Low current requirement High efficiency.
BL-B2434-1 BRIGHT-BL-B2434-1 Datasheet
150Kb / 2P
   LED GaP/GaP Green Low current requirement High efficiency.
BL-B3130A BRIGHT-BL-B3130A Datasheet
150Kb / 2P
   LED GaP/GaP Green Low current requirement High efficiency.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com