Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

245QS16E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 245QS16E
Description  GaAs MMIC SP3T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

245QS16E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  245QS16E Datasheet HTML 1Page - Hittite Microwave Corporation 245QS16E Datasheet HTML 2Page - Hittite Microwave Corporation 245QS16E Datasheet HTML 3Page - Hittite Microwave Corporation 245QS16E Datasheet HTML 4Page - Hittite Microwave Corporation 245QS16E Datasheet HTML 5Page - Hittite Microwave Corporation 245QS16E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8
8 - 122
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 6, 12, 14
RF3, RF2,
RF1, RFC
This pin is DC coupled and matched to 50 Ohms.
Blocking capacitors are required.
2 - 5, 7, 11, 13,
15, 16
GND
This pin must be connected to PCB RF
ground to maximize isolation.
8
Vdd
Supply Voltage +5.0 Vdc ±10%
9
B
See truth table and control voltage table.
10
A
See truth table and control voltage table.
HMC245QS16 / 245QS16E
GaAs MMIC SP3T NON-REFLECTIVE
SWITCH, DC - 3.5 GHz
v02.0805


Similar Part No. - 245QS16E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
245 LITTELFUSE-245 Datasheet
497Kb / 1P
   245 Series Shock-Safe Fuse Holders for 2AG Fuses
Revised: 06/21/18
logo
List of Unclassifed Man...
245-08-1-03 ETC1-245-08-1-03 Datasheet
259Kb / 1P
   INDUSTRIAL CABLE AND CONNECTOR TECHNOLOGY
logo
Oscilent Corporation
245-12.0M-18-15GS OSCILENT-245-12.0M-18-15GS Datasheet
163Kb / 4P
   SMD Quartz Crystal
245-12.0M-18-15GW OSCILENT-245-12.0M-18-15GW Datasheet
163Kb / 4P
   SMD Quartz Crystal
245-12.0M-18-15NS OSCILENT-245-12.0M-18-15NS Datasheet
163Kb / 4P
   SMD Quartz Crystal
More results

Similar Description - 245QS16E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC245AQS16 HITTITE-HMC245AQS16 Datasheet
685Kb / 8P
   GaAs MMIC SP3T Non-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC245QS16 HITTITE-HMC245QS16 Datasheet
199Kb / 6P
   GaAs MMIC SP3T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC241QS16 HITTITE-HMC241QS16_08 Datasheet
154Kb / 4P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC253LC4 HITTITE-HMC253LC4_09 Datasheet
207Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC241QS16 HITTITE-HMC241QS16_06 Datasheet
220Kb / 4P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC241QS16 HITTITE-HMC241QS16 Datasheet
163Kb / 4P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Analog Devices
HMC241AQS16 AD-HMC241AQS16 Datasheet
433Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
   GaAs SP3T Switch DC - 3.5 GHz
logo
Custom MMIC Design Serv...
CMD234C4 MMIC-CMD234C4 Datasheet
301Kb / 8P
   DC-18 GHz SP3T Non-reflective Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com