Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84-B24 Datasheet(PDF) 3 Page - DAESAN ELECTRONIC CORP.

Part # BZX84-B24
Description  300mW SOT-23 ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BZX84-B24 Datasheet(HTML) 3 Page - DAESAN ELECTRONIC CORP.

  BZX84-B24 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BZX84-B24 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. BZX84-B24 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BZX84 SERIES
300mW SOT-23
ZENER DIODES
R atings and
C harac teris tic C urves (TA = 25unless otherwise noted)
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9
10
V , ZENER VOL TAGE (V)
Fi g. 2 Zener Breakdown C haracteristics
Z
T = 25°C
j
C2V7
C3V3
C3V9
C4V7
C5V6
C6V8
C8V2
Test Current I
5.0mA
Z
0
2
4
6
8
10
10
20
30
40
50
60
70
80
90
100
V , ZENER VOL TAGE (V)
Fi g. 4 Zener Breakdown C haracteristics
Z
Tj = 25°C
Test Current I
2mA
Z
C39
C43
C47
C51
10
100
1000
10
100
1
V , NOMINAL ZENER VOL TAGE (V)
Fig. 5 Junction Capacitance vs Nominal Zener Voltage
Z
T = 25 °C
j
V = 1V
R
V = 2V
R
V = 1V
R
V = 2V
R
400
T , Ambient Temperature, (°C)
A
Fi g. 1 Power Derating Curve
See Note 1
200
100
300
0
500
0
100
200
0
10
20
30
0
V , ZENER VOL TAGE (V)
Fi g. 3 Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
j
Test current I
5mA
Z
Test current I
2mA
Z
C10
C12
C18
C22
C27
C33
C36
C15


Similar Part No. - BZX84-B24

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84-B24 PHILIPS-BZX84-B24 Datasheet
63Kb / 12P
   Voltage regulator diodes
2003 Apr 10
logo
General Semiconductor
BZX84-B24 GE-BZX84-B24 Datasheet
396Kb / 9P
   Zener Diodes
logo
NXP Semiconductors
BZX84-B24 NXP-BZX84-B24 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-B24 NXP-BZX84-B24 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-B24 PHILIPS-BZX84-B24 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
More results

Similar Description - BZX84-B24

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MMBZ52 JGD-MMBZ52 Datasheet
96Kb / 1P
   SURFACE MOUNT ZENER DIODES/SOT-23
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
   SURFACE MOUNT ZENER DIODES/SOT-23
logo
UN Semiconducctor INC
BZX84BXX UNSEMI-BZX84BXX Datasheet
2Mb / 6P
   SOT-23 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZX84CXX UNSEMI-BZX84CXX Datasheet
3Mb / 7P
   SOT-23 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
logo
TAITRON Components Inco...
BZX84C2V4 TAITRON-BZX84C2V4 Datasheet
153Kb / 5P
   300mW Surface Mount Zener Diodes
logo
Zibo Seno Electronic En...
MM3Z2V0 ZSELEC-MM3Z2V0 Datasheet
290Kb / 3P
   300mW Silicon Planar Zener Diodes
logo
Motorola, Inc
BZX84C2V4LT1 MOTOROLA-BZX84C2V4LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Surge Components
SMBZ5230 SURGE-SMBZ5230 Datasheet
75Kb / 3P
   SILICON PLANAR ZENER DIODES, 500mW, SOT-23 PACKAGE?
logo
Rectron Semiconductor
BAS40 RECTRON-BAS40 Datasheet
115Kb / 3P
   SOT-23 SCHOTTKY DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com