Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC263 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC263
Description  GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC263 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC263 Datasheet HTML 1Page - Hittite Microwave Corporation HMC263 Datasheet HTML 2Page - Hittite Microwave Corporation HMC263 Datasheet HTML 3Page - Hittite Microwave Corporation HMC263 Datasheet HTML 4Page - Hittite Microwave Corporation HMC263 Datasheet HTML 5Page - Hittite Microwave Corporation HMC263 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1
1 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1
RFIN
This pad is AC coupled and matched to 50 Ohm.
2, 3
Vdd1, Vdd2
Power supply for the 4-stage amplifier. An external RF bypass
capacitor of 100 - 300 pF is required. The bond length to the
capacitor should be as short as possible. The ground side of the
capacitor should be connected to the housing ground.
4
RFOUT
This pad is AC coupled and matched to 50 Ohm.
Pad Description
Assembly Diagrams
HMC263
v04.0907
GaAs MMIC LOW NOISE
AMPLIFIER, 24 - 36 GHz


Similar Part No. - HMC263

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC263 HITTITE-HMC263 Datasheet
212Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
logo
Micross Components
HMC263 MICROSS-HMC263 Datasheet
887Kb / 9P
   Millimeterwave Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E Datasheet
963Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 1P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
More results

Similar Description - HMC263

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263 HITTITE-HMC263 Datasheet
212Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4 HITTITE-HMC263LP4_09 Datasheet
272Kb / 1P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
HMC282 HITTITE-HMC282 Datasheet
109Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz
logo
Alpha Industries
AA035N1-00 ALPHA-AA035N1-00 Datasheet
173Kb / 3P
   28-36 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC341 HITTITE-HMC341_07 Datasheet
222Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
logo
Alpha Industries
AA028N1-00 ALPHA-AA028N1-00 Datasheet
96Kb / 2P
   24-30 GHz GaAs MMIC Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com