Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC264 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC264
Description  GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC264 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC264_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC264_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC264_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC264_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC264_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC264_08 Datasheet HTML 6Page - Hittite Microwave Corporation HMC264_08 Datasheet HTML 7Page - Hittite Microwave Corporation HMC264_08 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3
3 - 20
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC264
v02.1007
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 20 - 32 GHz
Outline Drawing
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM].
2. DIE THICKNESS IS .004”.
3. TYPICAL BOND PAD IS .004” SQUARE.
4. BOND PAD SPACING CENTER TO CENTER IS .006”.
5. BACKSIDE METALLIZATION: GOLD.
6. BOND PAD METALLIZATION: GOLD.
7. BACKSIDE METAL IS GROUND.
8. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
Die Packaging Information [1]
Standard
Alternate
GP-2
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.


Similar Part No. - HMC264_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264_09 Datasheet
338Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
More results

Similar Description - HMC264_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC264 HITTITE-HMC264_09 Datasheet
338Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC266 HITTITE-HMC266_09 Datasheet
221Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
logo
Analog Devices
HMC265 AD-HMC265 Datasheet
344Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
logo
Hittite Microwave Corpo...
HMC265 HITTITE-HMC265 Datasheet
220Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC265 HITTITE-HMC265_08 Datasheet
256Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC265 HITTITE-HMC265_09 Datasheet
265Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com