Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC264 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC264
Description  GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC264 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC264 Datasheet HTML 1Page - Hittite Microwave Corporation HMC264 Datasheet HTML 2Page - Hittite Microwave Corporation HMC264 Datasheet HTML 3Page - Hittite Microwave Corporation HMC264 Datasheet HTML 4Page - Hittite Microwave Corporation HMC264 Datasheet HTML 5Page - Hittite Microwave Corporation HMC264 Datasheet HTML 6Page - Hittite Microwave Corporation HMC264 Datasheet HTML 7Page - Hittite Microwave Corporation HMC264 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3
3 - 19
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
RF / IF Input (Vdd = +4V)
+13 dBm
LO Drive (Vdd = +4V)
+13 dBm
Vdd
+5.5 Vdc
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC264
v02.1007
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 20 - 32 GHz
Pad Number
Function
Description
Interface Schematic
1Vdd
Power supply for the LO Amplifier. An external RF bypass
capacitor of 100 - 330 pF is required. A MIM border capacitor
is recommended. The bond length to the capacitor should be
as short as possible. The ground side of the capacitor should
be connected to the housing ground.
2RF
This pad is AC coupled
and matched to 50 Ohm.
3IF
This pad is DC coupled and should be DC blocked
externally using a series capacitor whose value has been
chosen to pass the necessary IF frequency range. Any applied
DC voltage to this pin will result in die non-function and pos-
sible die failure.
4LO
This pad is AC coupled
and matched to 50 Ohm.
Pad Descriptions


Similar Part No. - HMC264

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC264 HITTITE-HMC264 Datasheet
338Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
logo
Micross Components
HMC264 MICROSS-HMC264 Datasheet
984Kb / 11P
   Microwave Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC264LC3B HITTITE-HMC264LC3B Datasheet
351Kb / 6P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC264LC3B HITTITE-HMC264LC3B Datasheet
226Kb / 6P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
More results

Similar Description - HMC264

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC264 HITTITE-HMC264_09 Datasheet
338Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC266 HITTITE-HMC266_09 Datasheet
221Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
logo
Analog Devices
HMC265 AD-HMC265 Datasheet
344Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
logo
Hittite Microwave Corpo...
HMC265 HITTITE-HMC265 Datasheet
220Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC265 HITTITE-HMC265_08 Datasheet
256Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC265 HITTITE-HMC265_09 Datasheet
265Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com