Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

284MS8GE Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 284MS8GE
Description  SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

284MS8GE Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  284MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 284MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 284MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 284MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 284MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 284MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
9
9 - 163
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
RF Input Power (Vctl = 0/+5V)
+26 dBm
Control Voltage Range
-0.2 to +7.5 Vdc
Hot Switch Power Level
(Vctl = 0/+5V)
+18 dBm
Channel Temperature
150 °C
Thermal Resistance
(Insertion Loss Path)
140 °C/W
Thermal Resistance
(Terminated Path)
190 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC284MS8G / 284MS8GE
v06.0607
SPDT NON-REFLECTIVE
SWITCH, DC - 3.5 GHz
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC284MS8G
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H284
XXXX
HMC284MS8GE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H284
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.


Similar Part No. - 284MS8GE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
284MS8GE ETC2-284MS8GE Datasheet
221Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
More results

Similar Description - 284MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC284MS8G HITTITE-HMC284MS8G Datasheet
208Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
List of Unclassifed Man...
HMC284MS8GE ETC2-HMC284MS8GE Datasheet
221Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Custom MMIC Design Serv...
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
   DC-18 GHz SPDT Non-reflective Switch
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G_10 Datasheet
165Kb / 4P
   SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
Custom MMIC Design Serv...
CMD196 MMIC-CMD196 Datasheet
216Kb / 9P
   DC-28 GHz SPDT Non-reflective Switch
logo
Analog Devices
HMC435AMS8G AD-HMC435AMS8G Datasheet
472Kb / 5P
   SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G_07 Datasheet
210Kb / 6P
   SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
logo
Custom MMIC Design Serv...
CMD195 MMIC-CMD195 Datasheet
210Kb / 9P
   DC-20 GHz SPDT Non-reflective Switch
CMD196C3 MMIC-CMD196C3 Datasheet
257Kb / 9P
   DC-28 GHz SPDT Non-reflective Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com