Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P43 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P43
Description  Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P43 Datasheet(HTML) 5 Page - Texas Instruments

  ADS62P43 Datasheet HTML 1Page - Texas Instruments ADS62P43 Datasheet HTML 2Page - Texas Instruments ADS62P43 Datasheet HTML 3Page - Texas Instruments ADS62P43 Datasheet HTML 4Page - Texas Instruments ADS62P43 Datasheet HTML 5Page - Texas Instruments ADS62P43 Datasheet HTML 6Page - Texas Instruments ADS62P43 Datasheet HTML 7Page - Texas Instruments ADS62P43 Datasheet HTML 8Page - Texas Instruments ADS62P43 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
ADS62P45, ADS62P44
ADS62P43, ADS62P42
REV1P0 SEP 2007
5
PRODUCT PREVIEW information concerns products in
the formative or design phase of development.
Characteristic data and other specifications are design
goals. Texas Instruments reserves the right to change or
discontinue these products without notice.
www.ti.com
www.ti.com
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
TYP
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
3.0
3.3
3.6
V
CMOS interface
1.65
1.8 to 3.3
3.6
V
DRVDD Digital supply voltage
LVDS interface
3.0
3.3
3.6
V
ANALOG INPUTS
Differential input voltage range
2
VPP
Input common-mode voltage
1.5 +/- 0.1
V
Voltage applied on CM in external reference mode
1.5 ± 0.05
V
CLOCK INPUT
ADS62P45
1
125
MSPS
ADS62P44
1
105
MSPS
ADS62P43
1
80
MSPS
Input clock sample rate, Fs
ADS62P42
1
65
MSPS
Sine wave, ac-coupled
0.3
3.0
V pp
LVPECL, ac-coupled
1.6
V pp
LVDS, ac-coupled
0.7
V pp
Input Clock amplitude
differential (VCLKP-VCLKM)
LVCMOS, single-ended,
ac-coupled
3.3
V
Input clock duty cycle
35 %
50 %
65 %
DIGITAL OUTPUTS
For CLOAD <= 5 pF and DRVDD >= 2.2V
Default strength
For CLOAD > 5 pF and DRVDD > 2.2V
Maximum strength
Output buffer drive strength
For DRVDD < 2.2V
Maximum strength
CMOS interface
5
pF
LVDS interface, without internal
termination
5
pF
CLOAD,
Maximum external load
capacitance from each output
pin to DRGND
LVDS interface, with 100 Ω internal
termination
10
pF
RLOAD,
Differential load resistance between the LVDS output pairs (LVDS mode)
100
Ω
Operating free-air temperature, TA
-40
85
°C


Similar Part No. - ADS62P43

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P43 TI-ADS62P43 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P43IRGCR TI-ADS62P43IRGCR Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P43IRGCRG4 TI-ADS62P43IRGCRG4 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P43IRGCT TI-ADS62P43IRGCT Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P43IRGCTG4 TI-ADS62P43IRGCTG4 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS62P43

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Texas Instruments
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com