Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P42 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P42
Description  Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P42 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS62P42 Datasheet HTML 2Page - Texas Instruments ADS62P42 Datasheet HTML 3Page - Texas Instruments ADS62P42 Datasheet HTML 4Page - Texas Instruments ADS62P42 Datasheet HTML 5Page - Texas Instruments ADS62P42 Datasheet HTML 6Page - Texas Instruments ADS62P42 Datasheet HTML 7Page - Texas Instruments ADS62P42 Datasheet HTML 8Page - Texas Instruments ADS62P42 Datasheet HTML 9Page - Texas Instruments ADS62P42 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
ADS62P45, ADS62P44
ADS62P43, ADS62P42
REV1P0 SEP 2007
6
www.ti.com
www.ti.com
PRODUCT PREVIEW information concerns products in
the formative or design phase of development.
Characteristic data and other specifications are design
goals. Texas Instruments reserves the right to change or
discontinue these products without notice.
ELECTRICAL CHARACTERISTICS
Typical values at 25C, min & max values are across the full temperature range TMIN = -40C to TMAX = 85C, AVDD = 3.3V, DRVDD = 1.8V to
3.3V, 50% clock duty cycle, -1dBFS differential analog input, internal reference, applies to CMOS & LVDS interfaces unless otherwise noted.
ADS62P45
125 MSPS
ADS62P44
105 MSPS
ADS62P43
80 MSPS
ADS62P42
65 MSPS
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Resolution
14
14
14
14
bits
Analog Input
Differential input voltage range
2.0
2.0
2.0
2.0
V pp
Differential input resistance (at dc),
see Figure 10
1
1
1
1
Differential input capacitance,
see Figure 11
7
7
7
7
pF
Analog input bandwidth
450
450
450
450
MHz
Analog input common mode current
(per input pin of each channel)
165
140
110
91
µA
VCM common mode voltage output
1.5
1.5
1.5
1.5
V
VCM output current capability
4
4
4
4
mA
Power Supply
IAVDD Analog supply current
232
205
172
152
mA
IDRVDD Output buffer supply
current, CMOS interface
2.5MHz input signal,
no load capacitance (1)
15
13
10.5
9
mA
Total power – CMOS interface,
DRVDD = 1.8V
792
TBD
700
TBD
587
TBD
518
TBD
mW
Total power – LVDS interface,
DRVDD = 3.3V
TBD
TBD
TBD
TBD
mW
Global power down
50
TBD
50
TBD
50
TBD
50
TBD
mW
(1) In CMOS mode, the DRVDD current scales with the sampling frequency and the load capacitance on output pins.


Similar Part No. - ADS62P42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P42 TI-ADS62P42 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P42IRGCR TI-ADS62P42IRGCR Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P42IRGCRG4 TI-ADS62P42IRGCRG4 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P42IRGCT TI-ADS62P42IRGCT Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P42IRGCTG4 TI-ADS62P42IRGCTG4 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS62P42

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Texas Instruments
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com