Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC287MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC287MS8
Description  GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC287MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC287MS8_05 Datasheet HTML 1Page - Hittite Microwave Corporation HMC287MS8_05 Datasheet HTML 2Page - Hittite Microwave Corporation HMC287MS8_05 Datasheet HTML 3Page - Hittite Microwave Corporation HMC287MS8_05 Datasheet HTML 4Page - Hittite Microwave Corporation HMC287MS8_05 Datasheet HTML 5Page - Hittite Microwave Corporation HMC287MS8_05 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8
8 - 25
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
Gain Control
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
Drain Bias Voltage (Vdd)
+7.0 Vdc
Control Voltage Range (Vctl)
-0.2V to Vdd
RF Input Power (RFin)(Vdd = +3.0 Vdc)
-7 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 5.62 mW/°C above 85 °C)
0.365 W
Thermal Resistance
(channel to lead)
178 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vctl (Vdc)
Gain State
Typical
Ictl (uA)
0.0
Maximum
25
1.5
Middle
25
Vdd
Minimum
25
HMC287MS8 / 287MS8E
GaAs MMIC LOW NOISE AMPLIFIER
with AGC, 2.3 - 2.5 GHz
v02.0605
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC287MS8
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H287
XXXX
HMC287MS8E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H287
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information


Similar Part No. - HMC287MS8_05

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC287MS8 HITTITE-HMC287MS8_08 Datasheet
194Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
More results

Similar Description - HMC287MS8_05

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC287MS8 HITTITE-HMC287MS8 Datasheet
217Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC287MS8 HITTITE-HMC287MS8_08 Datasheet
194Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286_10 Datasheet
173Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC318MS8G HITTITE-HMC318MS8G_07 Datasheet
243Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
HMC318MS8G HITTITE-HMC318MS8G Datasheet
217Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5.0 - 6.0 GHz
HMC318MS8G HITTITE-HMC318MS8G_09 Datasheet
214Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER with AGC, 5 - 6 GHz
HMC667LP2 HITTITE-HMC667LP2 Datasheet
305Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.3 - 2.7 GHz
logo
Analog Devices
HMC463LP5 AD-HMC463LP5 Datasheet
1Mb / 8P
   GaAs pHEMT MMIC LOW NOISE AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com