Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P44IRGCT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P44IRGCT
Description  Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P44IRGCT Datasheet(HTML) 2 Page - Texas Instruments

  ADS62P44IRGCT Datasheet HTML 1Page - Texas Instruments ADS62P44IRGCT Datasheet HTML 2Page - Texas Instruments ADS62P44IRGCT Datasheet HTML 3Page - Texas Instruments ADS62P44IRGCT Datasheet HTML 4Page - Texas Instruments ADS62P44IRGCT Datasheet HTML 5Page - Texas Instruments ADS62P44IRGCT Datasheet HTML 6Page - Texas Instruments ADS62P44IRGCT Datasheet HTML 7Page - Texas Instruments ADS62P44IRGCT Datasheet HTML 8Page - Texas Instruments ADS62P44IRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
ADS62P45, ADS62P44
ADS62P43, ADS62P42
REV1P0 SEP 2007
2
www.ti.com
www.ti.com
PRODUCT PREVIEW information concerns products in
the formative or design phase of development.
Characteristic data and other specifications are design
goals. Texas Instruments reserves the right to change or
discontinue these products without notice.
ADS62P4X includes a digital processing block that consists of several useful & commonly used digital functions
such as ADC offset correction, fine gain correction (in steps of 0.05 dB), decimation by 2,4,8 & in-built & custom
programmable filters. By default, the digital processing block is bypassed & its functions are disabled.
Two output interface options exist – parallel CMOS and DDR LVDS (Double Data Rate). ADS62P4X includes
internal references while traditional reference pins and associated decoupling capacitors have been eliminated.
The device also supports an external reference mode. The device is specified over the industrial temperature
range (-40°C to +85°C).
REFERENCE
CONTROL
INTERFACE
INA_P
INA_M
CLKP
CLKM
VCM
CLOCKGEN
SHA
14 bit
ADAC
SHA
14 bit
ADAC
INB_P
INB_M
OUTPUT
BUFFERS
CHANNEL B
OUTPUT
BUFFERS
CHANNEL A
OUTPUT
CLOCK
BUFFER
DA0
DA1
DA2
DA3
DA4
DA5
DA6
DA7
DA8
DA9
DA10
DA11
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
CLKOUT
CMOS INTERFACE
DA12
DA13
DB12
DB13
DIGITAL
ENCODER
DIGITAL
ENCODER
14 BIT ADC
14 BIT ADC
14bit
14bit
14bit
14bit
DIGITAL PROCESSING
BLOCK
Channel A
DIGITAL PROCESSING
BLOCK
Channel B


Similar Part No. - ADS62P44IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P44IRGCT TI-ADS62P44IRGCT Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P44IRGCTG4 TI-ADS62P44IRGCTG4 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS62P44IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Texas Instruments
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com