Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8386X-XX Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8386X-XX
Description  1.5A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8386X-XX Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8386X-XX Datasheet HTML 1Page - Microsemi Corporation LX8386X-XX Datasheet HTML 2Page - Microsemi Corporation LX8386X-XX Datasheet HTML 3Page - Microsemi Corporation LX8386X-XX Datasheet HTML 4Page - Microsemi Corporation LX8386X-XX Datasheet HTML 5Page - Microsemi Corporation LX8386X-XX Datasheet HTML 6Page - Microsemi Corporation LX8386X-XX Datasheet HTML 7Page - Microsemi Corporation LX8386X-XX Datasheet HTML 8Page - Microsemi Corporation LX8386X-XX Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 2.0, 2005-11-02
LX8386x-xx
1.5A Low Dropout Positive Regulators
PRODUCTION DATA SHEET
TM
®
ABSOLUTE MAXIMUM RATINGS
Power Dissipation ................................................................................... Internally Limited
Input Voltage ................................................................................................................ 10V
Input to Output Voltage Differential............................................................................. 10V
Maximum Output Current............................................................................................ 1.5A
Operating Junction Temperature
Plastic (DT, DD, P Packages) ................................................................................150°C
Storage Temperature Range....................................................................... -65°C to 150 °C
Peak Package Solder Reflow Temp (40 seconds max. exposure) .................260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
TH ERMAL DATA
DD
Plastic TO-263 3-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
THERMAL RESISTANCE
-JUNCTION TO TAB,
θ
JT
2.7°C/W
P
Plastic TO-220 3-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
THERMAL RESISTANCE
-JUNCTION TO TAB,
θ
JT
2.7°C/W
DT
Plastic TO-252 3-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
THERMAL RESISTANCE
-JUNCTION TO TAB,
θ
JT
2.7°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJT).
The
θJA & θJT numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
PACKAGE PIN OUT
1
V
IN
ADJ /
GND*
V
OUT
2
3
TAB is V
OUT
DD PACKAGE (3-PIN)
(Top View)
V
IN
V
OUT
ADJ/
GND
*
TAB is V
OUT
3
2
1
DT PACKAGE (3-PIN)
(Top View)
TAB is V
OUT
ADJ /
GND*
V
OUT
V
IN
1
2
3
P PACKAGE (3-PIN)
(Top View)
RoHS Compliant 100% Matte Tin Lead Finish
*Pin 1 is GND for fixed voltage versions
BLOCK DIAGRAM
Thermal
Limit Circuit
Bias Circuit
Bandgap
Circuit
Control
Circuit
Output
Circuit
SOA
Protection
Circuit
Current
Limit Circuit
V
IN
ADJ or
GND*
V
OUT
*Pin 1 is GND for fixed voltage versions


Similar Part No. - LX8386X-XX

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8386-00 MICROSEMI-LX8386-00 Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386-00CDD MICROSEMI-LX8386-00CDD Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386-00CDT MICROSEMI-LX8386-00CDT Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386-00CP MICROSEMI-LX8386-00CP Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386-00IDD MICROSEMI-LX8386-00IDD Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
More results

Similar Description - LX8386X-XX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IT-3.3 TI1-LM1086IT-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com