Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC290 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC290
Description  2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC290 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC290_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC290_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC290_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC290_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC290_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC290_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6
6 - 44
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation Circuit Board
The circuit board used in the final application
should use RF circuit design techniques.
Signal
lines should have 50 ohm impedance while the
package
ground
leads
should
be
connected
directly to the ground plane similar to that shown.
A sufficient number of VIA holes should be used
to connect the top and bottom ground planes. The
evaluation circuit board as shown is available from
Hittite Microwave Corporation upon request.
List of Materials for Evaluation PCB 103372 [1]
* R2 = R3 = 100 Ohm.
These resistors are optional
and may be used to enhance
decoupling of the RF path
from the control inputs.
Item
Description
J1 - J2
PCB Mount SMA Connector
J3 - J6
DC Pin
R1
5k Ohm Resistor, 0402 Chip
R2, R3
100 Ohm Resistor, 0402 Chip
C1, C2
0402 Chip Capacitor, Select for Lowest
Frequency of Operation
U1
HMC290 / HMC290E Digital Attenuator
PCB [2]
103370 Evaluation PCB 1.5” x 1.5”
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC290 / 290E
2 dB LSB GaAs MMIC 2-BIT DIGITAL
ATTENUATOR, 0.7 - 4.0 GHz
v01.0605


Similar Part No. - HMC290_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC290 HITTITE-HMC290_09 Datasheet
158Kb / 4P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL
More results

Similar Description - HMC290_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC290 HITTITE-HMC290 Datasheet
141Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC291 HITTITE-HMC291_08 Datasheet
205Kb / 6P
   4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC291 HITTITE-HMC291 Datasheet
146Kb / 6P
   4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC291 HITTITE-HMC291_06 Datasheet
274Kb / 6P
   4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC288MS8 HITTITE-HMC288MS8 Datasheet
160Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC288MS8 HITTITE-HMC288MS8_08 Datasheet
190Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC288MS8 HITTITE-HMC288MS8_07 Datasheet
261Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
logo
Analog Devices
HMC273AMS10GE AD-HMC273AMS10GE Datasheet
852Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_06 Datasheet
324Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com