Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8386B-XXCDT Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX8386B-XXCDT
Description  1.5A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8386B-XXCDT Datasheet(HTML) 5 Page - Microsemi Corporation

  LX8386B-XXCDT Datasheet HTML 1Page - Microsemi Corporation LX8386B-XXCDT Datasheet HTML 2Page - Microsemi Corporation LX8386B-XXCDT Datasheet HTML 3Page - Microsemi Corporation LX8386B-XXCDT Datasheet HTML 4Page - Microsemi Corporation LX8386B-XXCDT Datasheet HTML 5Page - Microsemi Corporation LX8386B-XXCDT Datasheet HTML 6Page - Microsemi Corporation LX8386B-XXCDT Datasheet HTML 7Page - Microsemi Corporation LX8386B-XXCDT Datasheet HTML 8Page - Microsemi Corporation LX8386B-XXCDT Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2000
Rev. 2.0, 2005-11-02
LX8386x-xx
1.5A Low Dropout Positive Regulators
PRODUCTION DATA SHEET
TM
®
APPLICATION NOTES
The LX8386/86A/86B Series ICs are easy to use Low-
Dropout (LDO) voltage regulators. They have all of the standard
self-protection features expected of a voltage regulator: short
circuit protection, safe operating area protection and automatic
thermal shutdown if the device temperature rises above
approximately 165°C.
Use of an output capacitor is REQUIRED with the
LX8386/86A/86B series. Please see the table below for
recommended minimum capacitor values.
These regulators offer a more tightly controlled reference
voltage tolerance and superior reference stability when measured
against the older pin-compatible regulator types that they replace.
STABILITY
The output capacitor is part of the regulator’s frequency
compensation system. Many types of capacitors are available,
with different capacitance value tolerances, capacitance
temperature coefficients, and equivalent series impedances. For
all operating conditions, connection of a 220µF aluminum
electrolytic capacitor or a 47µF (<400m
Ω ESR) solid tantalum
capacitor between the output terminal and ground will guarantee
stable operation.
If a bypass capacitor is connected between the output voltage
adjust (ADJ) pin and ground, ripple rejection will be improved
(please see the section entitled “RIPPLE REJECTION”). When
ADJ pin bypassing is used, the required output capacitor value
increases. Output capacitor values of 220µF (aluminum) or 47µF
(tantalum) provide for all cases of bypassing the ADJ pin. If an
ADJ pin bypass capacitor is not used, smaller output capacitor
values are adequate. The table below shows recommended
minimum capacitance values for operation.
Minimum Capacitor Values
INPUT
OUTPUT
ADJ
10µF
15µF Tantalum, 100µF Aluminum
None
10µF
47µF Tantalum, 220µF Aluminum
15µF
To ensure good transient response from the power supply
system under rapidly changing current load conditions, designers
generally use several output capacitors connected in parallel.
Such an arrangement serves to minimize the effects of the
parasitic resistance (ESR) and inductance (ESL) that are present
in all capacitors. Cost-effective solutions that sufficiently limit
ESR and ESL effects generally result in total capacitance values
in the range of hundreds to thousands of microfarads, which is
more than adequate to meet regulator output capacitor
specifications. Output capacitance values may be increased
without limit.
The circuit shown in Figure 1 can be used to observe the
transient response characteristics of the regulator in a power
system under changing loads. The effects of different capacitor
types and values on transient response parameters, such as
overshoot and under-shoot, can be compared quickly in order to
develop an optimum solution.
Power
Supply
IN
ADJ
OUT
Star Ground
Minimum Load
(Larger resistor)
Full Load
(Smaller
resistor)
R
DSON << RL
10ms
1 sec
Part
LX8386
Figure 1 –
Dynamic Input and Output
OVERLOAD RECOVERY
Like almost all IC power regulators, the LX8386/86A/86B
regulators are equipped with Safe Operating Area (SOA)
protection. The SOA circuit limits the regulator's maximum
output current to progressively lower values as the input-to-output
voltage difference increases. By limiting the maximum output
current, the SOA circuit keeps the amount of power that is
dissipated in the regulator itself within safe limits for all values of
input-to-output voltage within the operating range of the
regulator. The LX8386/86A/86B SOA protection system is
designed to be able to supply some output current for all values of
input-to-output voltage, up to the device breakdown voltage.
Under some conditions, a correctly operating SOA circuit may
prevent a power supply system from returning to regulated opera-
tion after removal of an intermittent short circuit at the output of
the regulator. This is a normal mode of operation, which can be
seen, in most similar products, including older devices such as
7800 series regulators. It is most likely to occur when the power
system input voltage is relatively high and the load impedance is
relatively low.
When the power system is started “cold”, both the input and
output voltages are very close to zero. The output voltage closely
follows the rising input voltage, and the input-to-output voltage
difference is small. The SOA circuit therefore permits the
regulator to supply large amounts of current as needed to develop
the designed voltage level at the regulator output.
Now consider the case where the regulator is supplying
regulated voltage to a resistive load under steady state conditions.
A moderate input-to-output voltage appears across the regulator
but the voltage difference is small enough that the SOA circuitry
allows sufficient current to flow through the regulator to develop
the designed output voltage across the load resistance. If the
output resistor is short-circuited to ground, the input-to-output
voltage difference across the regulator suddenly becomes larger
by the amount of voltage that had appeared across the load
resistor. The SOA circuit reads the increased input-to-output
voltage, and cuts back the amount of current that it will permit the
regulator to supply to its output terminal. When the short circuit
across the output resistor is removed, all the regulator output
current will again flow through the output resistor. The maximum
current that the regulator can supply to the resistor will be limited
by the SOA circuit, based on the large input-to-output


Similar Part No. - LX8386B-XXCDT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8386B-00 MICROSEMI-LX8386B-00 Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386B-00CDD MICROSEMI-LX8386B-00CDD Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386B-00CDT MICROSEMI-LX8386B-00CDT Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386B-00CP MICROSEMI-LX8386B-00CP Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386B-33 MICROSEMI-LX8386B-33 Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
More results

Similar Description - LX8386B-XXCDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IT-3.3 TI1-LM1086IT-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com