Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8386-XXCP Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX8386-XXCP
Description  1.5A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8386-XXCP Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX8386-XXCP Datasheet HTML 3Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 4Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 5Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 6Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 7Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 8Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 9Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 10Page - Microsemi Corporation LX8386-XXCP Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
© 2000
Rev. 2.0, 2005-11-02
LX8386x-xx
1.5A Low Dropout Positive Regulators
PRODUCTION DATA SHEET
TM
®
PACKAGE DIMENSIONS
P
3-Pin Plastic TO-220
A
G
F
Q
B
D
H
C
J
R
K
L
N
S
T
U
12
3
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
14.22
15.88
0.560
0.625
B
9.65
10.67
0.380
0.420
C
3.56
4.83
0.140
0.190
D
0.51
1.14
0.020
0.045
F
3.53
4.09
0.139
0.161
G
2.54 BSC
0.100 BSC
H
6.35
0.250
J
0.30
1.14
0.012
0.045
K
12.70
14.73
0.500
0.580
L
1.14
1.27
0.045
0.050
N
5.08 TYP
0.200 TYP
Q
2.54
3.05
0.100
0.120
R
2.03
2.92
0.080
0.115
S
1.14
1.40
0.045
0.055
T
5.84
6.86
0.230
0.270
U
0.508
1.14
0.020
0.045
DD
3-Pin Plastic TO-263
A
B
K
I
F
H
C
D
0° -8°
M
N
J
Seating Plane
E
G
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
10.03
10.67
0.395
0.420
B
8.51
9.17
0.335
0.361
C
4.19
4.59
0.165
0.181
D
1.14
1.40
0.045
0.055
E
0.330
0.51
0.013
0.020
F
1.19
1.34
0.047
0.053
G
2.41
2.66
0.095
0.104
H
2.29
2.79
0.090
0.110
I
1.65
0.065
J
0
0.25
0
0.010
K
14.60
15.87
0.575
0.625
M
N
Note:
Dimensions do not include mold flash or protrusions; these shall not exceed 0.155mm(.006”) on any side. Lead dimension shall
not include solder coverage.


Similar Part No. - LX8386-XXCP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
More results

Similar Description - LX8386-XXCP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IT-3.3 TI1-LM1086IT-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com