Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC291 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC291
Description  4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC291 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC291 Datasheet HTML 1Page - Hittite Microwave Corporation HMC291 Datasheet HTML 2Page - Hittite Microwave Corporation HMC291 Datasheet HTML 3Page - Hittite Microwave Corporation HMC291 Datasheet HTML 4Page - Hittite Microwave Corporation HMC291 Datasheet HTML 5Page - Hittite Microwave Corporation HMC291 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6
6 - 48
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Control & Bias Voltages
Truth Table
Application Circuit
DC blocking capacitors C1 & C2 are required on RF1 & RF2. Choose C1 = C2 = 100 ~ 300 pF to allow lowest customer specific
frequency to pass with minimal loss. R1 = 5K Ohm is required to supply voltage to the circuit throught either PIN 3 or PIN 1.
Control Voltage Input
Attenuation
Setting
RF1 - RF2
V1
8 dB
V2
4 dB
High
High
Reference I.L.
High
Low
4 dB
Low
High
8 dB
Low
Low
12 dB
Max. Atten.
Any combination of the above states will provide an attenuation
approximately equal to the sum of the bits selected.
State
Bias Condition
Low
0 to +0.2V @ 20 uA Max.
High
Vdd ± 0.2V @ 50 uA Max.
Note: Vdd = +3V to 5V ± 0.2V
4 dB LSB GaAs MMIC 2-BIT DIGITAL
ATTENUATOR, 0.7 - 4.0 GHz
HMC291 / 291E
v02.0402


Similar Part No. - HMC291

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC291 HITTITE-HMC291 Datasheet
146Kb / 6P
   4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC291 HITTITE-HMC291 Datasheet
205Kb / 6P
   4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC291 HITTITE-HMC291 Datasheet
205Kb / 6P
   4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC291E HITTITE-HMC291E Datasheet
205Kb / 6P
   4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
Analog Devices
HMC291SE AD-HMC291SE Datasheet
573Kb / 5P
   HMC291SE
More results

Similar Description - HMC291

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC291 HITTITE-HMC291_08 Datasheet
205Kb / 6P
   4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC291 HITTITE-HMC291 Datasheet
146Kb / 6P
   4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC290 HITTITE-HMC290_06 Datasheet
241Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC290 HITTITE-HMC290 Datasheet
141Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC288MS8 HITTITE-HMC288MS8 Datasheet
160Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC288MS8 HITTITE-HMC288MS8_08 Datasheet
190Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC288MS8 HITTITE-HMC288MS8_07 Datasheet
261Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
logo
Analog Devices
HMC273AMS10GE AD-HMC273AMS10GE Datasheet
852Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_06 Datasheet
324Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com