Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8386A-XXCDD Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX8386A-XXCDD
Description  1.5A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8386A-XXCDD Datasheet(HTML) 1 Page - Microsemi Corporation

  LX8386A-XXCDD Datasheet HTML 1Page - Microsemi Corporation LX8386A-XXCDD Datasheet HTML 2Page - Microsemi Corporation LX8386A-XXCDD Datasheet HTML 3Page - Microsemi Corporation LX8386A-XXCDD Datasheet HTML 4Page - Microsemi Corporation LX8386A-XXCDD Datasheet HTML 5Page - Microsemi Corporation LX8386A-XXCDD Datasheet HTML 6Page - Microsemi Corporation LX8386A-XXCDD Datasheet HTML 7Page - Microsemi Corporation LX8386A-XXCDD Datasheet HTML 8Page - Microsemi Corporation LX8386A-XXCDD Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2000
Rev. 2.0, 2005-11-02
LX8386x-xx
1.5A Low Dropout Positive Regulators
PRODUCTION DATA SHEET
TM
®
DESCRIPTION
The LX8386/86A/86B Series ICs are
positive regulators designed to provide 1.5A
output current. These regulators yield
higher efficiency than currently available
devices with all internal circuitry designed
to operate down to a 1V input-to-output
differential. In each of these products, the
dropout voltage is fully specified as a
function of load current. Dropout is
guaranteed at a maximum of 1.3V (8386A/
86B) and 1.5V (8386) at maximum output
current, decreasing at lower load currents.
On-chip trimming adjusts the reference
voltage to 1% (0.8% for the 8386B) initial
accuracy and 2% (1% for the 8386B) over
line, load, and temperature.
The LX8386/86A/86B series devices are
pin-compatible
with
earlier
3-terminal
regulators, such as the 117 series products.
While a 10µF output capacitor is required on
both input and output of these new devices,
this capacitor is generally included in most
regulator designs.
The LX8386/86A/86B series quiescent
current flows into the load, increasing
efficiency. This feature contrasts with PNP
regulators, where up to 10% of the output
current is wasted as quiescent current. The
LX8386-xxI is specified over the full
industrial temperature range of –25°C to
+125°C and the LX8386/86A/86B is
specified over the commercial range of 0°C
to 125°C.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
PRODUCT H I GHLIGHT
*1500µF
6MV1500GX
Sanyo
121
Ω
1%
200
Ω
1%
IN
ADJ
OUT
5V
3.3V at
1.5A
1500µF
2x 6MV1500GX
Sanyo
+
+
Part
LX8386
KEY FEATUR ES
Three-Terminal Adjustable Or
Fixed Output
Guaranteed <1.3V Headroom at
1.5A (LX8686A/86B)
Output Current of 1.5A Minimum
Operates Down To 1V Dropout
0.015% Line Regulation
0.1% Load Regulation
Evaluation Board Available:
Request LXE9001 Evaluation Kit
APPLICATIONS
High Efficiency Linear
Regulators
Post Regulators For Switching
Power Supplies
Battery Chargers
Constant Current Regulators
ASIC & Low Voltage IC Supplies
Memory Cards
Graphics & Sound Chipsets
PART #
OUT PUT
VOLTAGE
LX8386/86A/8B-00
Adjustable
LX8386/86A/86B-33
3.3V
Table 1
- Available Options
PACKAGE ORDER INFO
DT
Plastic TO-252
(D-Pak) 3-Pin
P
Plastic TO-220
3-Pin
DD
Plastic TO-263
3-Pin
TA (°C)
Max Ref
Accuracy
Max Dropout
Voltage
RoHS Compliant
Transition DC: 0532
RoHS Compliant
Transition DC: 0543
RoHS Compliant
Transition DC: 0535
2.0%
1.5V
LX8386-xxCDT
LX8386-xxCP
LX8386-xxCDD
2.0%
1.3V
LX8386A-xxCDT
LX8386A-xxCP
LX8386A-xxCDD
0 to 125
1.0%
1.3V
LX8386B-xxCDT
LX8386B-xxCP
LX8386B-xxCDD
-25 to 125
2.0%
1.5V
LX8386-xxIDT
LX8386-xxIP
LX8386-xxIDD
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX8386-xxCP-TR)


Similar Part No. - LX8386A-XXCDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8386A-00 MICROSEMI-LX8386A-00 Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386A-00CDD MICROSEMI-LX8386A-00CDD Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386A-00CDT MICROSEMI-LX8386A-00CDT Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386A-00CP MICROSEMI-LX8386A-00CP Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386A-33 MICROSEMI-LX8386A-33 Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
More results

Similar Description - LX8386A-XXCDD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IT-3.3 TI1-LM1086IT-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com